Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7NJZ44V Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7NJZ44V
Description  Avalanche Energy Ratings
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7NJZ44V Datasheet(HTML) 6 Page - International Rectifier

  IRF7NJZ44V_15 Datasheet HTML 1Page - International Rectifier IRF7NJZ44V_15 Datasheet HTML 2Page - International Rectifier IRF7NJZ44V_15 Datasheet HTML 3Page - International Rectifier IRF7NJZ44V_15 Datasheet HTML 4Page - International Rectifier IRF7NJZ44V_15 Datasheet HTML 5Page - International Rectifier IRF7NJZ44V_15 Datasheet HTML 6Page - International Rectifier IRF7NJZ44V_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRF7NJZ44V
6
www.irf.com
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
10V
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DR IV E R
A
15 V
20V
.
VGS
tp
V (B R)DS S
I AS
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
25
50
75
100
125
150
0
20
40
60
80
100
120
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
10A
14A
22A


Similar Part No. - IRF7NJZ44V_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7NJZ44V IRF-IRF7NJZ44V Datasheet
115Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results

Similar Description - IRF7NJZ44V_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310_15 Datasheet
244Kb / 7P
   Avalanche Energy Ratings
IRF5M5210 IRF-IRF5M5210_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5N4905 IRF-IRF5N4905_15 Datasheet
121Kb / 7P
   Avalanche Energy Ratings
IRF5NJ3315 IRF-IRF5NJ3315_15 Datasheet
176Kb / 7P
   Avalanche Energy Ratings
IRF5Y3315CM IRF-IRF5Y3315CM_15 Datasheet
108Kb / 7P
   Avalanche Energy Ratings
IRF5Y3710CM IRF-IRF5Y3710CM_15 Datasheet
107Kb / 7P
   Avalanche Energy Ratings
IRF7Y1405CM IRF-IRF7Y1405CM_15 Datasheet
100Kb / 7P
   Avalanche Energy Ratings
IRF7YSZ44VCM IRF-IRF7YSZ44VCM_15 Datasheet
117Kb / 7P
   Avalanche Energy Ratings
IRF5M3415 IRF-IRF5M3415_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5Y5305CM IRF-IRF5Y5305CM_15 Datasheet
110Kb / 7P
   Avalanche Energy Ratings
IRF7E3704 IRF-IRF7E3704_15 Datasheet
132Kb / 7P
   Avalanche Energy Ratings
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com