Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX365CSE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX365CSE
Description  Precision, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX365CSE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX365CSE Datasheet HTML 1Page - Maxim Integrated Products MAX365CSE Datasheet HTML 2Page - Maxim Integrated Products MAX365CSE Datasheet HTML 3Page - Maxim Integrated Products MAX365CSE Datasheet HTML 4Page - Maxim Integrated Products MAX365CSE Datasheet HTML 5Page - Maxim Integrated Products MAX365CSE Datasheet HTML 6Page - Maxim Integrated Products MAX365CSE Datasheet HTML 7Page - Maxim Integrated Products MAX365CSE Datasheet HTML 8Page - Maxim Integrated Products MAX365CSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Precision, Quad, SPST Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = 12V, V- = 0V, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
TA = +25°C
100
160
TA = TMIN to TMAX
-1
0.001
1
Power-Supply Current
I+
-5
5
µA
Analog Signal Range
012
V
CONDITIONS
All channels on or off,
VIN = 0V or 5V
(Note 3)
TA = +25°C
TA = TMIN to TMAX
-1
-0.0001
1
Negative Supply Current
I-
-5
5
µA
All channels on or off,
VIN = 0V or 5V
TA = +25°C
TA = TMIN to TMAX
-1
-0.0001
1
Ground Current
IGND
-5
5
µA
All channels on or off,
VIN = 0V or 5V
TA = +25°C
TA = TMIN to TMAX
-1
0.001
1
Logic Supply Current
IL
-5
5
µA
All channels on or off,
VIN = 0V or 5V
VCOM_,
VNO_,
VNC_
V
10.8
24.0
V+, V-
Power-Supply Range
TA = +25°C
200
TA = TMIN to TMAX
RON
On Resistance
COM_ to NO_ or NC_,
INC or INO = -10mA,
VL = 5.25V,
VCOM = 3V, 8V,
V+ = 10.8V
TA = +25°C
300
400
VNC or VNO= 8V, Figure 2
ns
tON
Turn-On Time
TA = +25°C
60
200
VNC or VNO = 8V, Figure 2
ns
tOFF
Turn-Off Time
TA = +25°C
510
pC
Q
Charge Injection
CL = 1nF, VGEN = 0V,
RGEN = 0Ω, Figure 3
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4: On resistance match between channels and flatness are guaranteed only with bipolar-supply operation.
Note 5: See Figure 2. Off Isolation = 20 log10
, VCOM = output, VNO or VNC = input to off switch.
Note 6: Between any two switches. See Figure 5.
VCOM
VNC or VNO


ANALOG
DYNAMIC
SUPPLY


Similar Part No. - MAX365CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX365CSE MAXIM-MAX365CSE Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
MAX365CSE MAXIM-MAX365CSE Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
More results

Similar Description - MAX365CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX391 MAXIM-MAX391 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com