Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6A6G Datasheet(PDF) 2 Page - YENYO TECHNOLOGY Co., Ltd

Part # 6A6G
Description  Glass Passivated Standard Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

6A6G Datasheet(HTML) 2 Page - YENYO TECHNOLOGY Co., Ltd

  6A6G Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd 6A6G Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 6A05G THRU 6A10G
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
6.0
5.0
3.0
2.0
1.0
4.0
0.1
1.0
10
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
LEAD TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
50
100
150
200
250
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.1
1
100
10
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
YENYO TECHNOLOGY CO., LTD.
2 / 2
R4, NOV-13


Similar Part No. - 6A6G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
6A6G JGD-6A6G Datasheet
137Kb / 2P
   6.0 AMP. GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
6A6G SHUNYE-6A6G Datasheet
1,001Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Dc Components
6A6G DCCOM-6A6G Datasheet
469Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
logo
Microdiode Electronics ...
6A6G CHENDA-6A6G Datasheet
535Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
GOOD-ARK Electronics
6A6G GOOD-ARK-6A6G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
More results

Similar Description - 6A6G

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
1N4007P YENYO-1N4007P Datasheet
638Kb / 2P
   Glass Passivated Standard Rectifier
2A01G YENYO-2A01G Datasheet
646Kb / 2P
   Glass Passivated Standard Rectifier
GP16A01 YENYO-GP16A01 Datasheet
671Kb / 2P
   Glass Passivated Standard Rectifier
1N5400G YENYO-1N5400G Datasheet
653Kb / 2P
   Glass Passivated Standard Rectifier
GP16A01F YENYO-GP16A01F Datasheet
663Kb / 2P
   Glass Passivated Standard Rectifier
logo
Comchip Technology
1N4001G COMCHIP-1N4001G Datasheet
91Kb / 2P
   Glass Passivated Standard Rectifier
logo
YENYO TECHNOLOGY Co., L...
EF8A02F YENYO-EF8A02F Datasheet
788Kb / 2P
   Glass Passivated Standard Rectifier
logo
Frontier Electronics.
GPF15-005 FRONTIER-GPF15-005 Datasheet
124Kb / 2P
   15A GLASS PASSIVATED STANDARD RECTIFIER
GPF160-005 FRONTIER-GPF160-005 Datasheet
123Kb / 2P
   16A GLASS PASSIVATED STANDARD RECTIFIER
logo
GOOD-ARK Electronics
P151A GOOD-ARK-P151A Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com