Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX350 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX350
Description  Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX350 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX350 Datasheet HTML 1Page - Maxim Integrated Products MAX350 Datasheet HTML 2Page - Maxim Integrated Products MAX350 Datasheet HTML 3Page - Maxim Integrated Products MAX350 Datasheet HTML 4Page - Maxim Integrated Products MAX350 Datasheet HTML 5Page - Maxim Integrated Products MAX350 Datasheet HTML 6Page - Maxim Integrated Products MAX350 Datasheet HTML 7Page - Maxim Integrated Products MAX350 Datasheet HTML 8Page - Maxim Integrated Products MAX350 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX349/MAX350 are 8-channel and dual 4-channel
serially controlled multiplexers (muxes). These muxes
conduct equally well in either direction. On-resistance
(100
Ω max) is matched between switches to 16Ω max
and is flat (10
Ω max) over the specified signal range.
These CMOS devices can operate continuously with
dual power supplies ranging from ±2.7V to ±8V or a sin-
gle supply between +2.7V and +16V. Each mux can
handle rail-to-rail analog signals. The off-leakage current
is only 0.1nA at +25°C or 5nA at +85°C.
Upon power-up, all switches are off and the internal
shift registers are reset to zero.
The serial interface is compatible with SPI™/QSPI™
and MICROWIRE™. Functioning as a shift register, it
allows data (at DIN) to be clocked in synchronously
with the rising edge of clock (SCLK). The shift register’s
output (DOUT) enables several MAX349s or MAX350s
to be daisy chained.
All digital inputs have 0.8V or 2.4V logic thresholds,
ensuring both TTL and CMOS-logic compatibility when
using ±5V supplies or a single +5V supply.
________________________Applications
Serial Data-Acquisition
Industrial and Process-
Systems
Control Systems
Avionics
ATE Equipment
Audio Signal Routing
Networking
____________________________Features
o SPI/QSPI, MICROWIRE-Compatible Serial
Interface
o 8 Separately Controlled SPST Switches
o Single 8-to-1 Mux (MAX349)
Dual 4-to-1 Mux (MAX350)
o 100
Ω Signal Paths with ±5V Supplies
o Rail-to-Rail® Signal Handling
o Asynchronous RESET Input
o ±2.7V to ±8V Dual Supplies
+2.7V to +16V Single Supply
o >2kV ESD Protection per Method 3015.7
o TTL/CMOS-Compatible Inputs (with +5V or ±5V
Supplies)
Serially Controlled, Low-Voltage,
8-Channel/Dual 4-Channel Multiplexers
________________________________________________________________
Maxim Integrated Products
1
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
CS
RESET
DOUT
V-
GND
DIN
V+
SCLK
TOP VIEW
N.C.
NO7
NO6
NO5
NO2
NO1
NO0
COM
10
9
NO4
NO3
DIP/SO
MAX349
LOGIC
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
CS
RESET
DOUT
V-
GND
DIN
V+
SCLK
COMB
NO0B
NO1B
NO2B
NO2A
NO1A
NO0A
COMA
10
9
NO3B
NO3A
DIP/SO
MAX350
LOGIC
N.C. = NOT INTERNALLY
CONNECTED
Pin Configurations/Functional Diagrams
19-0451; Rev 1; 10/98
PART
MAX349CPN
MAX349CWN
MAX349CAP
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
18 Plastic DIP
18 Wide SO
20 SSOP
Ordering Information
Ordering Information continued at end of data sheet.
*Contact factory for dice specifications.
MAX349C/D
0°C to +70°C
Dice*
Pin Configurations continued at end of data sheet.
SPI and QSPI are trademarks of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor Corp.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX350

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3503 MAXIM-MAX3503 Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3503EGP MAXIM-MAX3503EGP Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3505 MAXIM-MAX3505 Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
MAX3505EGP MAXIM-MAX3505EGP Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
MAX3507 MAXIM-MAX3507 Datasheet
356Kb / 12P
   Upstream CATV Amplifier with On-Chip Anti-Alias Filter
Rev 0; 7/01
More results

Similar Description - MAX350

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4586 MAXIM-MAX4586 Datasheet
140Kb / 12P
   Serially Controlled, 4-Channel Serially Controlled, 4-Channel
Rev 0; 8/99
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
   Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
logo
Analog Devices
ADG709 AD-ADG709_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG709CRUZ AD-ADG709CRUZ Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG708 AD-ADG708_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX382 MAXIM-MAX382 Datasheet
106Kb / 12P
   Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
19-0396; Rev. 0; 5/95
logo
Analog Devices
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
logo
Maxim Integrated Produc...
MAX338ESE MAXIM-MAX338ESE Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com