Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV138 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LV138
Description  3-to-8 line decoder/demultiplexer; inverting
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV138 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LV138_15 Datasheet HTML 4Page - NXP Semiconductors 74LV138_15 Datasheet HTML 5Page - NXP Semiconductors 74LV138_15 Datasheet HTML 6Page - NXP Semiconductors 74LV138_15 Datasheet HTML 7Page - NXP Semiconductors 74LV138_15 Datasheet HTML 8Page - NXP Semiconductors 74LV138_15 Datasheet HTML 9Page - NXP Semiconductors 74LV138_15 Datasheet HTML 10Page - NXP Semiconductors 74LV138_15 Datasheet HTML 11Page - NXP Semiconductors 74LV138_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74LV138_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 15 November 2007
8 of 17
NXP Semiconductors
74LV138
3-to-8 line decoder/demultiplexer; inverting
11. Waveforms
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
The inputs An, E3 to outputs Yn propagation delays
001aah080
Yn output
VOH
VOL
VCC
GND
An, E3 input
VM
tPHL
tPLH
VM
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
The inputs En to outputs Yn propagation delays
001aah081
tPLH
tPHL
VM
VM
Yn output
E1, E2 input
VCC
GND
VOH
VOL
Table 8.
Measurement points
Supply voltage
VCC
Input
VM
Output
VM
< 2.7 V
0.5VCC
0.5VCC
2.7 V to 3.6 V
1.5 V
1.5 V
≥ 4.5 V
0.5VCC
0.5VCC


Similar Part No. - 74LV138_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV138A TI-74LV138A Datasheet
649Kb / 18P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
NXP Semiconductors
74LV138BQ NXP-74LV138BQ Datasheet
105Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
Nexperia B.V. All right...
74LV138BQ NEXPERIA-74LV138BQ Datasheet
256Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 6 - 22 July 2021
logo
NXP Semiconductors
74LV138D PHILIPS-74LV138D Datasheet
116Kb / 12P
   3-to-8 line decoder/multiplexer; inverting
1998 Apr 28
74LV138D NXP-74LV138D Datasheet
105Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
More results

Similar Description - 74LV138_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
   3-to-8 Line Decoder/Demultiplexer; Inverting
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
logo
NXP Semiconductors
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74HC138D NXP-74HC138D Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com