Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX355MJE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX355MJE
Description  Fault-Protected Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX355MJE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX355MJE Datasheet HTML 2Page - Maxim Integrated Products MAX355MJE Datasheet HTML 3Page - Maxim Integrated Products MAX355MJE Datasheet HTML 4Page - Maxim Integrated Products MAX355MJE Datasheet HTML 5Page - Maxim Integrated Products MAX355MJE Datasheet HTML 6Page - Maxim Integrated Products MAX355MJE Datasheet HTML 7Page - Maxim Integrated Products MAX355MJE Datasheet HTML 8Page - Maxim Integrated Products MAX355MJE Datasheet HTML 9Page - Maxim Integrated Products MAX355MJE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Fault-Protected Analog Multiplexers
6
_______________________________________________________________________________________
50%
tOFF(EN)
tR < 20ns
tF < 20ns
+3V
0V
0V
LOGIC
INPUT
VEN
SWITCH
OUTPUT
VOUT
+15V
VOUT
-15V
GND
V+
A1
V-
A0
A2
EN
NO1
NO2–NO8
COM
+10V
50
MAX354
1k
35pF
90%
10%
tON(EN)
+15V
VOUT
-15V
GND
V+
A1
V-
A0
EN
NO1B
NO1A–NO4A
NO2B–NO4B,
COMA
COMB
+10V
50
MAX355
1k
35pF
VEN
VEN
Figure 2. Enable Switching Time
______________________________________________Test Circuits/Timing Diagrams
50%
tTRANS
tR < 20ns
tF < 20ns
VOUT
+3V
0V
VNO1
0V
VNO8
LOGIC
INPUT
VEN
SWITCH
OUTPUT
+15V
VOUT
-15V
GND
V+
A1
V-
A2
A0
EN
NO1
NO2-NO7
NO8
COM
+10V
-10V
50
MAX354
300
35pF
+15V
VOUT
-15V
GND
V+
A0
V-
A1
EN
NO1B
NO1A-NO4A
NO4B
COMB
+10V
50
MAX355
300
35pF
90%
90%
tTRANS
ON
-10V
VEN
VEN
Figure 1. Transition Time


Similar Part No. - MAX355MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3558 MAXIM-MAX3558 Datasheet
224Kb / 8P
   Quad-Output LNA with AGC for Cable TV Applications
Rev 1; 6/06
MAX3558 MAXIM-MAX3558 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX3558CGI MAXIM-MAX3558CGI Datasheet
224Kb / 8P
   Quad-Output LNA with AGC for Cable TV Applications
Rev 1; 6/06
MAX3558CTI++ MAXIM-MAX3558CTI+ Datasheet
224Kb / 8P
   Quad-Output LNA with AGC for Cable TV Applications
Rev 1; 6/06
MAX3558EVKIT MAXIM-MAX3558EVKIT Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
More results

Similar Description - MAX355MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
logo
Analog Devices
ADG508F AD-ADG508F Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRWZ-REEL AD-ADG509FBRWZ-REEL Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRNZ AD-ADG509FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com