Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3680 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3680
Description  3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3680 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3680 Datasheet HTML 1Page - Maxim Integrated Products MAX3680 Datasheet HTML 2Page - Maxim Integrated Products MAX3680 Datasheet HTML 3Page - Maxim Integrated Products MAX3680 Datasheet HTML 4Page - Maxim Integrated Products MAX3680 Datasheet HTML 5Page - Maxim Integrated Products MAX3680 Datasheet HTML 6Page - Maxim Integrated Products MAX3680 Datasheet HTML 7Page - Maxim Integrated Products MAX3680 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
+3.3V, 622Mbps, SDH/SONET
1:8 Deserializer with TTL Outputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: AC characteristics guaranteed by design and characterization.
Terminal Voltage (with respect to GND)
VCC ...........................................................................-0.5V to 5V
PECL Inputs (SD+/-, SCLK+/-) .................-0.5V to (VCC + 0.5V)
TTL Input (SYNC) .....................................-0.5V to (VCC + 0.5V)
TTL Outputs (PCLK, PD_).........................-0.5V to (VCC + 0.5V)
Continuous Power Dissipation (TA = +85°C)
SSOP (derate 9.52mW/°C above +85°C) ......................619mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
TTL outputs = high
VIN = VIL(MAX)
VIN = VIH(MAX)
VIN = VIH(MAX)
VIN = VIL(MAX)
Output sinking = 400µA
Output sourcing = 400µA
CONDITIONS
V
0
0.44
VOL
Output Low Voltage
V
2.4
VCC
VOH
Output High Voltage
V
VCC - 1.16
VCC - 0.88
VIH
Input High Voltage
mA
25
50
90
ICC
Supply Current
µA
-10
10
IIL
Input Low Current
µA
-10
10
IIH
Input High Current
V
0.8
VIL
Input Low Voltage
V
2.0
VIH
Input High Voltage
V
VCC - 1.81
VCC - 1.48
VIL
Input Low Voltage
µA
-10
10
IIH
Input High Current
µA
-10
10
IIL
Input Low Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CONDITIONS
ps
50
tH
Serial Data Hold Time
ps
800
tSU
MHz
622
fSCLK
Maximum Serial Clock Frequency
Serial Data Setup Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
PECL INPUTS (SD+/-, SCLK+/-)
TTL INPUT AND OUTPUTS (SYNC, PCLK, PD_)
AC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, TA = +25°C, unless otherwise noted.) (Note 1)
VCC = 3.3V, CL = 18pF
ps
-200
500
1300
tCLK-Q
Parallel Clock to Data Output Delay


Similar Part No. - MAX3680

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3680AEAI MAXIM-MAX3680AEAI Datasheet
123Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
MAX3680EAI MAXIM-MAX3680EAI Datasheet
123Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
MAX3680EAI++ MAXIM-MAX3680EAI+ Datasheet
123Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
MAX3680 MAXIM-MAX3680_V01 Datasheet
123Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
More results

Similar Description - MAX3680

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3680 MAXIM-MAX3680_V01 Datasheet
123Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
MAX3681 MAXIM-MAX3681 Datasheet
63Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:4 Deserializer with LVDS Outputs
19-1091; Rev 0; 6/96
MAX3690ECJ-T MAXIM-MAX3690ECJ-T Datasheet
444Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
Rev 2; 7/04
MAX3690 MAXIM-MAX3690 Datasheet
117Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 1; 4/99
MAX3690 MAXIM-MAX3690_V01 Datasheet
444Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 2; 7/04
MAX3885 MAXIM-MAX3885 Datasheet
125Kb / 8P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with LVDS Outputs
Rev 2; 1/99
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com