Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3491EEPD Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3491EEPD
Description  3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3491EEPD Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3491EEPD Datasheet HTML 7Page - Maxim Integrated Products MAX3491EEPD Datasheet HTML 8Page - Maxim Integrated Products MAX3491EEPD Datasheet HTML 9Page - Maxim Integrated Products MAX3491EEPD Datasheet HTML 10Page - Maxim Integrated Products MAX3491EEPD Datasheet HTML 11Page - Maxim Integrated Products MAX3491EEPD Datasheet HTML 12Page - Maxim Integrated Products MAX3491EEPD Datasheet HTML 13Page - Maxim Integrated Products MAX3491EEPD Datasheet HTML 14Page - Maxim Integrated Products MAX3491EEPD Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
_____________________Function Tables
Devices with Receiver/Driver Enable
(MAX3483E/MAX3485E/MAX3486E/MAX3491E)
Table 1. Transmitting
* B and A outputs are Z and Y, respectively, for full-duplex part
(MAX3491E).
X = Don’t care; High-Z = High impedance
Table 2. Receiving
* DE is a “don’t care” (x) for the full-duplex part (MAX3491E).
X = Don’t care; High-Z = High impedance
Devices without Receiver/Driver Enable
(MAX3488E/MAX3490E)
Table 3. Transmitting
Table 4. Receiving
___________Applications Information
The MAX3483E/MAX3485E/MAX3486E/MAX3488E/
MAX3490E/MAX3491E are low-power transceivers for
RS-485 and RS-422 communications. The MAX3483E
and MAX3488E can transmit and receive at data rates
up to 250kbps, the MAX3486E at up to 2.5Mbps, and the
MAX3485E/MAX3490E/MAX3491E at up to 12Mbps. The
MAX3488E/MAX3490E/MAX3491E are full-duplex trans-
ceivers, while the MAX3483E/MAX3485E/MAX3486E are
half-duplex. Driver Enable (DE) and Receiver Enable
(RE) pins are included on the MAX3483E/MAX3485E/
MAX3486E/MAX3491E. When disabled, the driver and
receiver outputs are high impedance.
Reduced EMI and Reflections
(MAX3483E/MAX3486E/MAX3488E)
The MAX3483E/MAX3488E are slew-rate limited, mini-
mizing EMI and reducing reflections caused by improp-
erly terminated cables. Figure 13 shows the driver
output waveform of a MAX3485E/MAX3490E/MAX3491E
transmitting a 125kHz signal, as well as the Fourier
analysis of that waveform. High-frequency harmonics
with large amplitudes are evident. Figure 14 shows the
same information, but for the slew-rate-limited
MAX3483E/MAX3488E transmitting the same signal. The
high-frequency harmonics have much lower amplitudes,
and the potential for EMI is significantly reduced.
Low-Power Shutdown Mode
(MAX3483E/MAX3485E/MAX3486E/MAX3491E)
A low-power shutdown mode is initiated by bringing both
RE high and DE low. The devices will not shut down
unless both the driver and receiver are disabled (high
impedance). In shutdown, the devices typically draw
only 2nA of supply current.
For these devices, the tPSH and tPSL enable times
assume the part was in the low-power shutdown mode;
the tPZH and tPZL enable times assume the receiver or
driver was disabled, but the part was not shut down.
3.3V-Powered, ±15kV ESD-Protected, 12Mbps and
Slew-Rate-Limited True RS-485/RS-422 Transceivers
______________________________________________________________________________________
11
INPUTS
OUTPUTS
RE
DE
DI
B*
A*
MODE
X
1
1
0
1
Normal
X
1
0
1
0
Normal
0
0
X
High-Z
High-Z
Normal
1
0
X
High-Z
High-Z
Shutdown
INPUTS
RE
DE
A, B
RO
MODE
0
0*
≥ +0.2V
1
Normal
0
0*
≤ -0.2V
0
Normal
0
0*
Inputs Open
1
Normal
1
0
X
High-Z
Shutdown
OUTPUTS
INPUTS
OUTPUT
A, B
RO
≥ +0.2V
1
≤ -0.2V
0
Inputs Open
1
INPUT
OUTPUTS
DI
Z
Y
1
0
1
0
1
0
5MHz
500kHz/div
0
10dB/div
5MHz
500kHz/div
0
10dB/div
Figure 13. Driver Output Waveform and FFT Plot of MAX3485E/
MAX3490E/MAX3491E Transmitting a 125kHz Signal
Figure 14. Driver Output Waveform and FFT Plot of
MAX3483E/ MAX3488E Transmitting a 125kHz Signal


Similar Part No. - MAX3491EEPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3491EEPD MAXIM-MAX3491EEPD Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
More results

Similar Description - MAX3491EEPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483 MAXIM-MAX3483_V01 Datasheet
3Mb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
MAX3483 MAXIM-MAX3483_14 Datasheet
467Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3491EESD-T MAXIM-MAX3491EESD-T Datasheet
674Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com