Electronic Components Datasheet Search |
|
ES3G Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd |
|
ES3G Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd |
1 / 2 page YENYO Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS For capacitive load, derate current by 20%. Single phase, half wave, 60Hz, resistive or inductive load. Rating at 25oC ambient temperature unless otherwise specified. NOTES : -55 to +150 SMC/DO-214AB ES3A THRU ES3J Voltage Range 50 to 600 V Current 3.0 Ampere Surface Mount Efficient Fast Recovery Rectifier ES3A SYMBOL PARAMTER VRRM VRMS VDC IF(AV) IFSM VF IR Trr CJ TJ, TSTG ES3B ES3D ES3G ES3J 50 100 200 140 200 600 35 70 420 50 100 600 3.0 5.0 100 0.9 1.3 1.5 20 50 150 50 55 UNIT V V V V A A uA uA oC pF oCW nS 400 280 400 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Peak Forward Surge Current, 8.3ms single Maximum Instantaneous Forward Voltage Maximum DC Reverse Current @TJ=25 oC Typical junction Capacitance (Note 2) Operating Junction and Storage Current TA=90 oC Half sine-wave superimposed on rated load (JEDEC method) @ 3.0 A At Rated DC Blocking Voltage @TJ=125 oC Maximum Reverse Recovery Time (Note 1) Typical Thermal Resistance (Note 3) Features Low forward voltage drop Fast switching for high efficiency High current capability Case: Molded plastic SMC/DO-214AB Glass passivated chip High surge current capability Weight: 0.21 gram Polarity:Color band denotes cathode method 2026 Mounting position: Any Terminals: Solderable per MIL-STD-750 Mechanical Data Low reverse leakage current R JA Temperature Range (1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A. (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC. (3) Thermal Resistance junction to ambient. Epoxy: UL 94V-0 rate flame retardant 1 / 2 R3, MAY-12 .260(6.60) .280(7.11) .006(.152) .012(.305) .220(5.59) .245(6.22) .108(2.75) .128(3.25) .079(2.00) .103(2.62) .305(7.75) .320(8.13) .030(0.76) .060(1.52) .002(.051) .008(.203) 25 |
Similar Part No. - ES3G |
|
Similar Description - ES3G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |