Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL5020JP Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # PL5020JP
Description  Polyimide Passivated Auto Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

PL5020JP Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  PL5020JP Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd PL5020JP Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YENYO
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
-40 to +175
H15018JP(N) THRU H15030JP(N)
Voltage Range 16 to 28 V
Current 50 Ampere
Polyimide Passivated Auto Rectifier
PL5018JP(N)
SYMBOL
PARAMETER
VRRM
VRMS
VB
I(AV)
IFSM
VF
IR
TJ, TSTG
PL5020JP(N)
PL5030JP(N)
34-45
24-32
28
20
28
20
50
1
600
150
UNIT
V
V
V
V
A
A
uA
uA
oC
19-24
16
16
1.2
Maximum Peak Repetitive Reverse Voltage@Irrm=100mA
Maximum RMS Voltage
Maximum DC Blocking Voltage(TA=25
oC)
Maximum Average Forward Current Io@Tc=150
oC
Peak Forward Surge Current, 8.3ms single
Maximum Inst. Forward Voltage Drop,
Maximum DC Reverse Current
(VB)@TJ=25
oC
Operating Junction and Storage Temperature Range
60 Hz, resistive or inductive load
Half sine-wave superimposed on rated load
(JEDEC method)
IF at 100Amp
At Rated DC Blocking Voltage
(VB)@TJ=175
oC
Weight: 3.0 gram
Features
Low forward voltage drop
High current capability
Case: OFC Heat Sink
High surge current capability
Mechanical Data
High reliability
1 / 2
R2,NOV-13
HITACHI/PRESS-FIT
20(508.0)
18(457.2)
P:
31(787.4)
29(736.6)
N:
11.80(299.72)
11.73(297.94)
1.55(39.37)
1.45(36.83)


Similar Part No. - PL5020JP

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
PL5020JP YENYO-PL5020JP Datasheet
646Kb / 2P
   Polyimide Passivated Auto Rectifier
More results

Similar Description - PL5020JP

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
H13502GP YENYO-H13502GP Datasheet
636Kb / 2P
   Polyimide Passivated Auto Rectifier
PL3502GP YENYO-PL3502GP Datasheet
640Kb / 2P
   Polyimide Passivated Auto Rectifier
PL3518JP YENYO-PL3518JP Datasheet
643Kb / 2P
   Polyimide Passivated Auto Rectifier
PL5002GP YENYO-PL5002GP Datasheet
637Kb / 2P
   Polyimide Passivated Auto Rectifier
H13518JP YENYO-H13518JP Datasheet
637Kb / 2P
   Polyimide Passivated Auto Rectifier
H15002JP YENYO-H15002JP Datasheet
637Kb / 2P
   Polyimide Passivated Auto Rectifier
PL5002JP YENYO-PL5002JP Datasheet
646Kb / 2P
   Polyimide Passivated Auto Rectifier
H15018GP YENYO-H15018GP Datasheet
631Kb / 2P
   Polyimide Passivated Auto Rectifier
PL5018JP YENYO-PL5018JP Datasheet
646Kb / 2P
   Polyimide Passivated Auto Rectifier
PL5018GP YENYO-PL5018GP Datasheet
641Kb / 2P
   Polyimide Passivated Auto Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com