Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3693 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3693
Description  3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3693 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX3693 Datasheet HTML 1Page - Maxim Integrated Products MAX3693 Datasheet HTML 2Page - Maxim Integrated Products MAX3693 Datasheet HTML 3Page - Maxim Integrated Products MAX3693 Datasheet HTML 4Page - Maxim Integrated Products MAX3693 Datasheet HTML 5Page - Maxim Integrated Products MAX3693 Datasheet HTML 6Page - Maxim Integrated Products MAX3693 Datasheet HTML 7Page - Maxim Integrated Products MAX3693 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
+3.3V, 622Mbps, SDH/SONET 4:1 Serializer
with Clock Synthesis and LVDS Inputs
6
_______________________________________________________________________________________
Low-Voltage Differential-Signal (LVDS)
Inputs and Outputs
The MAX3693 features LVDS inputs and outputs for
interfacing with high-speed digital circuitry. The LVDS
standard is based on the IEEE 1596.3 LVDS specifi-
cation. This technology uses 250mV to 400mV differ-
ential low-voltage swings to achieve fast transition
times, minimized power dissipation, and noise immu-
nity.
For proper operation, the parallel-clock LVDS outputs
(PCLKO+, PCLKO-) require 100
Ω differential DC termi-
nation between the inverting and noninverting outputs.
Do not terminate these outputs to ground.
The parallel data and parallel clock LVDS inputs (PD_+,
PD_-, PCLKI+, PCLKI-, RCLK+, RCLK-) are internally
terminated with 100
Ω differential input resistance, and
therefore do not require external termination.
PECL Outputs
The serial-data PECL outputs (SD+, SD-) require 50
DC termination to (VCC - 2V) (see the Alternative PECL-
Output Termination section).
tSKEW
SD
NOTE: SIGNALS SHOWN ARE DIFFERENTIAL. FOR EXAMPLE, PCLKO = (PCLKO+) - (PCLKO-).
*PD3 = D3; PD2 = D2; PD1 = D1; PD0 = D0.
D0
D1
D2
D3
PD_
VALID PARALLEL DATA*
PCLKI
PCLKO
tSU
tH
Figure 2. Timing Diagram


Similar Part No. - MAX3693

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3693 MAXIM-MAX3693 Datasheet
572Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-4775; Rev 2; 5/04
MAX3693ECJ MAXIM-MAX3693ECJ Datasheet
572Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-4775; Rev 2; 5/04
MAX3693ECJ++ MAXIM-MAX3693ECJ+ Datasheet
572Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-4775; Rev 2; 5/04
MAX3693 MAXIM-MAX3693_V01 Datasheet
572Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-4775; Rev 2; 5/04
More results

Similar Description - MAX3693

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3691 MAXIM-MAX3691 Datasheet
89Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-1207; Rev 0; 3/97
MAX3693 MAXIM-MAX3693_V01 Datasheet
572Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-4775; Rev 2; 5/04
MAX3690ECJ-T MAXIM-MAX3690ECJ-T Datasheet
444Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
Rev 2; 7/04
MAX3690 MAXIM-MAX3690 Datasheet
117Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 1; 4/99
MAX3690 MAXIM-MAX3690_V01 Datasheet
444Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 2; 7/04
MAX3890 MAXIM-MAX3890 Datasheet
155Kb / 12P
   3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs
Rev 0; 6/99
MAX3891 MAXIM-MAX3891 Datasheet
521Kb / 12P
   16:1 Serializer, 3.3V, 2.5Gbps, SDH/SONET with Clock Synthesis and LVPECL Inputs
Rev 0; 2/01
MAX3892 MAXIM-MAX3892 Datasheet
179Kb / 11P
   3.3V, 2.5Gbps/2.7Gbps, SDH/SONET 4:1 Serializer with Clock Synthesis
Rev 6; 10/07
MAX3681 MAXIM-MAX3681 Datasheet
63Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:4 Deserializer with LVDS Outputs
19-1091; Rev 0; 6/96
MAX3680 MAXIM-MAX3680_V01 Datasheet
123Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com