Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8T49N242 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # 8T49N242
Description  Open-drain Interrupt pin
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

8T49N242 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button 8T49N242 Datasheet HTML 5Page - Integrated Circuit Systems 8T49N242 Datasheet HTML 6Page - Integrated Circuit Systems 8T49N242 Datasheet HTML 7Page - Integrated Circuit Systems 8T49N242 Datasheet HTML 8Page - Integrated Circuit Systems 8T49N242 Datasheet HTML 9Page - Integrated Circuit Systems 8T49N242 Datasheet HTML 10Page - Integrated Circuit Systems 8T49N242 Datasheet HTML 11Page - Integrated Circuit Systems 8T49N242 Datasheet HTML 12Page - Integrated Circuit Systems 8T49N242 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
REVISION 2 08/07/15
9
FEMTOCLOCK®NG UNIVERSAL FREQUENCY TRANSLATOR
8T49N242 DATA SHEET
Output Drivers
The Q0 to Q3 clock outputs are provided with register-controlled
output drivers. By selecting the output drive type in the appropriate
register, any of these outputs can support LVCMOS, LVPECL, HCSL
or LVDS logic levels.
The operating voltage ranges of each output is determined by its
independent output power pin (VCCO) and thus each can have
different output voltage levels. Output voltage levels of 2.5V or 3.3V
are supported for differential operation and LVCMOS operation. In
addition, LVCMOS output operation supports 1.8V VCCO.
Each output may be enabled or disabled by register bits and/or GPIO
pins.
LVCMOS Operation
When a given output is configured to provide LVCMOS levels, then
both the Q and nQ outputs will toggle at the selected output
frequency. All the previously described configuration and control
apply equally to both outputs. Frequency, voltage levels and enable /
disable status apply to both the Q and nQ pins. When configured as
LVCMOS, the Q & nQ outputs can be selected to be phase-aligned
with each other or inverted relative to one another. Selection of
phase-alignment may have negative effects on the phase noise
performance of any part of the device due to increased simultaneous
switching noise within the device.
Power-Saving Modes
To allow the device to consume the least power possible for a given
application, the following functions can be disabled via register
programming:
• Any unused output, including all output divider logic, can be
individually powered-off.
• Any unused input, including the clock monitoring logic can be
individually powered-off.
• The digital PLL can be powered-off when running in synthesizer
mode.
• Clock gating on logic that is not being used.
Status / Control Signals and Interrupts
The status and control signals for the device, may be operated at
1.8V, 2.5V or 3.3V as determined by the voltage applied to the VCCCS
pins. All signals will share the same voltage levels.
Signals involved include: nWP, nINT, nRST, GPIO[3:0], S_A0, S_A1,
SCLK and SDATA. The voltage used here is independent of the
voltage chosen for the digital and analog core voltages and the output
voltages selected for the clock outputs.
General-Purpose I/Os & Interrupts
The 8T49N242 provides four General Purpose Input / Output (GPIO)
pins for miscellaneous status & control functions. Each GPIO may be
configured as either an input or an output. Each GPIO may be directly
controlled from register bits or be used as a predefined function as
shown in Table 4. Note that the default state prior to configuration
being loaded from internal OTP will be to set each GPIO to input
direction to function as an Output Enable.
Table 4. GPIO Configuration
If used in the Fixed Function mode of operation, the GPIO bits will
reflect the real-time status of their respective status bits as shown in
Table 4.
The LOL alarm will support two modes of operation:
• De-asserts once PLL is locked, or
• De-asserts after PLL is locked and all internal synchronization
operations that may destabilize output clocks are completed.
Interrupt Functionality
Interrupt functionality includes an interrupt status flag for each of PLL
Loss-of-Lock status (LOL), PLL in holdover status (HOLD) and
Loss-of-Signal status for each input (LOS[1:0]). Those Status Flags
are set whenever there is an alarm on their respective functions. The
Status Flag will remain set until the alarm has been cleared and a ‘1’
has been written to the Status Flag’s register location or if a reset
occurs. Each Status Flag will also have an Interrupt Enable bit that
will determine if that Status Flag is allowed to cause the Device
Interrupt Status to be affected (enabled) or not (disabled). All
Interrupt Enable bits will be in the disabled state after reset. The
Device Interrupt Status Flag and nINT output pin are asserted if any
of the enabled interrupt Status Flags are set.
GPIO
Pin
Configured as Input
Configured as Output
Fixed
Function
(default)
General
Purpose
Fixed
Function
General
Purpose
3
-
GPI[3]
LOL
GPO[3]
2
CSEL
GPI[2]
LOS[0]
GPO[2]
1
OSEL[1]
GPI[1]
LOS[1]
GPO[1]
0
OSEL[0]
GPI[0]
HOLD
GPO[0]


Similar Part No. - 8T49N242

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T49N242 IDT-8T49N242 Datasheet
1Mb / 65P
   Auto and manual clock selection with hitless switching
8T49N242 IDT-8T49N242 Datasheet
1Mb / 66P
   NG Universal Frequency Translator
logo
Renesas Technology Corp
8T49N242 RENESAS-8T49N242 Datasheet
1Mb / 67P
   FemtoClock® NG Universal Frequency Translator
January 16, 2019
logo
Integrated Device Techn...
8T49N242-000NLGI IDT-8T49N242-000NLGI Datasheet
1Mb / 63P
   FemtoClock NG Universal Frequency Translator
8T49N242-000NLGI8 IDT-8T49N242-000NLGI8 Datasheet
1Mb / 63P
   FemtoClock NG Universal Frequency Translator
More results

Similar Description - 8T49N242

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
8T49N285 ICST-8T49N285 Datasheet
1Mb / 65P
   Open-drain Interrupt pin
logo
Toshiba Semiconductor
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
   Inverter (Open Drain)
2013-03-01
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
   INVERTER (OPEN DRAIN)
logo
List of Unclassifed Man...
PT3601 ETC2-PT3601 Datasheet
211Kb / 1P
   open drain output
logo
Toshiba Semiconductor
TC7SH05FS TOSHIBA-TC7SH05FS Datasheet
177Kb / 6P
   INVERTER (Open Drain)
2014-03-01
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
   Inverter (Open Drain)
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
   INVERTER (Open Drain)
TC7SG05AFS TOSHIBA-TC7SG05AFS Datasheet
266Kb / 7P
   Inverter (Open Drain)
2013-03-01
TC7SH05FE TOSHIBA-TC7SH05FE Datasheet
151Kb / 6P
   INVERTER (Open Drain)
2009-09-30
TC7SZ05F TOSHIBA-TC7SZ05F_09 Datasheet
175Kb / 7P
   Inverter (Open Drain)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com