Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8T49N285 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # 8T49N285
Description  Open-drain Interrupt pin
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

8T49N285 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button 8T49N285 Datasheet HTML 4Page - Integrated Circuit Systems 8T49N285 Datasheet HTML 5Page - Integrated Circuit Systems 8T49N285 Datasheet HTML 6Page - Integrated Circuit Systems 8T49N285 Datasheet HTML 7Page - Integrated Circuit Systems 8T49N285 Datasheet HTML 8Page - Integrated Circuit Systems 8T49N285 Datasheet HTML 9Page - Integrated Circuit Systems 8T49N285 Datasheet HTML 10Page - Integrated Circuit Systems 8T49N285 Datasheet HTML 11Page - Integrated Circuit Systems 8T49N285 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
8T49N285 DATA SHEET
FEMTOCLOCK® NG OCTAL UNIVERSAL FREQUENCY TRANSLATOR
8
REVISION 3 06/29/15
Input to Output Clock Frequency
The 8T49N285 is designed to accept any frequency within its input
range and generate eight different output frequencies that are
independent from the input frequencies. The internal architecture of
the device ensures that most translations will result in the exact
output frequency specified. Where exact frequency translation is not
possible, the frequency translation error will be minimized. Please
contact IDT for configuration software or other assistance in
determining if a desired configuration will be supported exactly.
Synthesizer Mode Operation
The device may also act as a frequency synthesizer with the PLL
generating its operating frequency from just the crystal input. By
setting the SYN_MODE register bit and setting the STATE[1:0] field
to Freerun, no input clock references are required to generate the
desired output frequencies.
Loop Filter and Bandwidth
When operating in Synthesizer Mode as described above, the
8T49N285 has a fixed loop bandwidth of approximately 200kHz.
When Operating in all other modes, the following information applies:
The 8T49N285 uses no external components to support a range of
loop bandwidths:1.40625Hz, 2.8125Hz, 5.625Hz, 11.25Hz, 22.5Hz,
45Hz, 90Hz, 180Hz or 360Hz.
The device supports two different loop bandwidth settings:
acquisition and locked. These loop bandwidths are selected from the
list of options described above. If enabled, the acquisition bandwidth
is used while lock is being acquired to allow the PLL to “fast-lock”.
Once locked the PLL will use the locked bandwidth setting. If the
acquisition bandwidth setting is not used, the PLL will use the locked
bandwidth setting at all times.
Output Dividers
The 8T49N285 supports eight output dividers. Six of the output
dividers will have IntN capability only (see Table 3) and the other two
will support FracN division.
Integer Output Divider Programming (Q0, Q1, Q[4:7] only)
Each integer output divider block consists of two divider stages in a
series to achieve the desired total output divider ratio. The first stage
divider may be set to divide by 4, 5 or 6. The second stage of the
divider may be bypassed (i.e. ÷1) or programmed to any even divider
ratio from 2 to 131,070. The total divide ratios, settings and possible
output frequencies are shown in Table 3.
In addition, the first divider stage for the Q[4:7] outputs support a
bypass (i.e. ÷1) operation for some clock sources.
Fractional Output Divider Programming (Q2, Q3 only)
For the FracN output dividers Q2, Q3, the output divide ratio is given
by:
Output Divide Ratio = (N.F)x2
N = Integer Part: 4, 5, ...(218-1)
F = Fractional Part: [0, 1, 2, ...(228-1)]/(228)
For integer operation of these output dividers, N = 3 is also
supported.
Table 3. Q[0:1], Q[4:7] Output Divide Ratios
NOTE: Above frequency ranges for Q[4:7] apply when driven di-
rectly from the PLL.
Output Divider Frequency Sources
Output dividers associated with the Q[0:3] outputs take their input
frequency directly from the PLL.
Output dividers associated with the Q[4:7] outputs can take their
input frequencies from the PLL, Q2 or Q3 output dividers, CLK0 or
CLK1 input reference frequency or the crystal frequency.
Output Banks
Outputs of the 8T49N285 are divided into three banks for purposes
of output skew measurement:
• Q0, nQ0, Q1, nQ1
• Q4, nQ4, Q5, nQ5
• Q6, nQ6, Q7, nQ7
Output Phase Control on Switchover
When the 8T49N285 switches between input references or enters or
leaves the holdover state, there are two options on how the output
phase can be controlled in these events: phase-slope limiting or fully
hitless switching (sometimes called phase build-out) may be
selected. The SWMODE bit selects which behavior is to be followed.
If fully hitless switching is selected, then the output phase will remain
unchanged under any of these conditions. Note that fully hitless
switching is not supported when external loopback is being used.
Fully hitless switching should not be used unless all input references
are in the same clock domain. Note that use of this mode may prevent
an output frequency and phase from being able to trace its alignment
back to a primary reference source.
1st-Stage
Divide
2nd-Stage
Divide
Total
Divide
Minimum
FOUT MHz
Maximum
FOUT MHz
4
1
4
750
1000
5
1
5
600
800
6
1
6
500
666.7
4
2
8
375
500
5
2
10
300
400
6
2
12
250
333.3
4
4
16
187.5
250
5
4
20
150
200
6
4
24
125
166.7
...
4
131,070
524,280
0.0057
0.0076
5
131,070
655,350
0.0046
0.0061
6
131,070
786,420
0.0038
0.0051


Similar Part No. - 8T49N285

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T49N285 IDT-8T49N285 Datasheet
1Mb / 65P
   Auto and manual input clock selection with hitless switching
8T49N285 IDT-8T49N285 Datasheet
1Mb / 67P
   FemtoClock NG Octal Universal Frequency Translator
8T49N285 IDT-8T49N285 Datasheet
1Mb / 67P
   NG Octal Universa Frequency Translator
logo
Renesas Technology Corp
8T49N285 RENESAS-8T49N285 Datasheet
1Mb / 68P
   FemtoClock® NG Octal Universal Frequency Translator
March 8, 2021
logo
Integrated Device Techn...
8T49N285A-000NLGI IDT-8T49N285A-000NLGI Datasheet
1Mb / 67P
   FemtoClock NG Octal Universal Frequency Translator
More results

Similar Description - 8T49N285

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
8T49N242 ICST-8T49N242 Datasheet
1Mb / 65P
   Open-drain Interrupt pin
logo
Toshiba Semiconductor
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
   Inverter (Open Drain)
2013-03-01
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
   INVERTER (OPEN DRAIN)
logo
List of Unclassifed Man...
PT3601 ETC2-PT3601 Datasheet
211Kb / 1P
   open drain output
logo
Toshiba Semiconductor
TC7SH05FS TOSHIBA-TC7SH05FS Datasheet
177Kb / 6P
   INVERTER (Open Drain)
2014-03-01
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
   Inverter (Open Drain)
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
   INVERTER (Open Drain)
TC7SG05AFS TOSHIBA-TC7SG05AFS Datasheet
266Kb / 7P
   Inverter (Open Drain)
2013-03-01
TC7SH05FE TOSHIBA-TC7SH05FE Datasheet
151Kb / 6P
   INVERTER (Open Drain)
2009-09-30
TC7SZ05F TOSHIBA-TC7SZ05F_09 Datasheet
175Kb / 7P
   Inverter (Open Drain)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com