Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3740ETG Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3740ETG
Description  3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3740ETG Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3740ETG Datasheet HTML 1Page - Maxim Integrated Products MAX3740ETG Datasheet HTML 2Page - Maxim Integrated Products MAX3740ETG Datasheet HTML 3Page - Maxim Integrated Products MAX3740ETG Datasheet HTML 4Page - Maxim Integrated Products MAX3740ETG Datasheet HTML 5Page - Maxim Integrated Products MAX3740ETG Datasheet HTML 6Page - Maxim Integrated Products MAX3740ETG Datasheet HTML 7Page - Maxim Integrated Products MAX3740ETG Datasheet HTML 8Page - Maxim Integrated Products MAX3740ETG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
3.2Gbps SFP VCSEL Driver with Diagnostic
Monitors
_______________________________________________________________________________________
5
ELECTRICAL EYE
MAX3740 toc01
50ps/div
73mV/div
3.2Gbps, K28.5, 10mA MODULATION,
PEAKING OFF
ELECTRICAL EYE WITH PEAKING
MAX3740 toc02
50ps/div
73mV/div
3.2Gbps, K28.5, 10mA MODULATION,
RPEAKSET = 2.4k
ELECTRICAL EYE WITH MAX PEAKING
MAX3740 toc03
50ps/div
73mV/div
3.2Gbps, K28.5, 10mA MODULATION,
RPEAKSET = 500
OPTICAL EYE
MAX3740 toc04
68ps/div
ER = 8.2dB, 2.125Gbps, K28.5,
850nm VCSEL, WITH 2.3GHz
O-TO-E CONVERTER
EMCORE SC-TOSA-8585-3420 VCSEL
OPTICAL EYE
MAX3740 toc05
58ps/div
ER = 8.2dB, 2.5Gbps, K28.5,
850nm VCSEL SONET MASK
WITH +20% MARGIN
EMCORE SC-TOSA-8585-3420 VCSEL
IBIASMON vs. BIAS CURRENT
BIAS CURRENT (mA)
12
8
4
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
016
DETERMINISTIC JITTER
vs. MODULATION CURRENT
IMOD (mAP-P)
10
5
5
10
15
20
25
30
35
40
0
015
RANDOM JITTER
vs. MODULATION CURRENT
IMOD (mAP-P)
10
5
1
2
3
4
5
6
7
0
015
TRANSITION TIME
vs. MODULATION CURRENT
IMOD (mAP-P)
14
12
10
8
6
4
50
60
70
80
90
100
40
216
RISE
FALL
Typical Operating Characteristics
(VCC = +3.3V, RTC = 0
Ω, PEAKSET open, measured electrically with a 50Ω load AC-coupled to OUT+, TA = +25°C, unless otherwise
noted.)


Similar Part No. - MAX3740ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3740A MAXIM-MAX3740A Datasheet
286Kb / 14P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 1; 6/04
MAX3740A MAXIM-MAX3740A Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
MAX3740AETG MAXIM-MAX3740AETG Datasheet
286Kb / 14P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 1; 6/04
MAX3740AETG MAXIM-MAX3740AETG Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
MAX3740AETG++ MAXIM-MAX3740AETG+ Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
More results

Similar Description - MAX3740ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3740A MAXIM-MAX3740A Datasheet
286Kb / 14P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 1; 6/04
MAX3740A MAXIM-MAX3740A_10 Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
MAX3741 MAXIM-MAX3741 Datasheet
531Kb / 10P
   3.2Gbps Compact SFP VCSEL Driver
Rev 1; 5/04
MAX3795 MAXIM-MAX3795 Datasheet
785Kb / 15P
   1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
logo
Linear Technology
LTC5100 LINER-LTC5100 Datasheet
575Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
LTC5100 LINER-LTC5100_15 Datasheet
582Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3736 MAXIM-MAX3736 Datasheet
341Kb / 11P
   3.2Gbps, Low-Power, Compact, SFP Laser Driver
Rev 0; 12/03
MAX3736 MAXIM-MAX3736_V01 Datasheet
315Kb / 11P
   3.2Gbps, Low-Power, Compact, SFP Laser Driver
2010
MAX3724-MAX3725 MAXIM-MAX3724-MAX3725 Datasheet
342Kb / 10P
   3.2Gbps SFP Transimpedance Amplifiers with RSSI
Rev 0; 2/04
logo
Optoway Technology Inc
SPS-9380RW-DXXG OPTOWAY-SPS-9380RW-DXXG Datasheet
264Kb / 6P
   3.2Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com