Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3754CCM Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3754CCM
Description  Dual-Rate, 1Gbps/2Gbps Fibre Channel Quad-Port Bypass ICs with Repeater
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3754CCM Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3754CCM Datasheet HTML 1Page - Maxim Integrated Products MAX3754CCM Datasheet HTML 2Page - Maxim Integrated Products MAX3754CCM Datasheet HTML 3Page - Maxim Integrated Products MAX3754CCM Datasheet HTML 4Page - Maxim Integrated Products MAX3754CCM Datasheet HTML 5Page - Maxim Integrated Products MAX3754CCM Datasheet HTML 6Page - Maxim Integrated Products MAX3754CCM Datasheet HTML 7Page - Maxim Integrated Products MAX3754CCM Datasheet HTML 8Page - Maxim Integrated Products MAX3754CCM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Dual-Rate, 1Gbps/2Gbps Fibre Channel
Quad-Port Bypass ICs with Repeater
_______________________________________________________________________________________
5
200
240
220
280
260
320
300
340
020
30
10
40
50
60
70
SUPPLY CURRENT vs. TEMPERTURE
(MAX3754)
TEMPERATURE (
°C)
CDR ENABLED
CDR DISABLED
OUTPUT EYE DIAGRAM AT OUT
±
(1.0625Gbps CRPAT, CDR ENABLED)
200ps/div
INPUT =
400mVP-P
DJ = 0.4UI
RJ = 0.2UI
200mV/
div
OUTPUT EYE DIAGRAM AT OUT
±
(2.125Gbps CRPAT, CDR ENABLED)
100ps/div
INPUT =
400mVP-P
DJ = 0.4UI
RJ = 0.2UI
200mV/
div
10-12
10-10
10-11
10-9
10-8
10-7
10-6
10-5
10-4
10-3
10-2
10-1
1
OUTPUT JITTER BATHTUB PLOT
(1.0625Gbps)
DATA SAMPLING TIME RELATIVE TO
FIRST ZERO CROSSING (UI)
0
0.4
0.2
0.6
0.8
1.0
1.0625Gbps CRPAT AT INPUT
(DJ = 0.4UI, RJ = 0.2UI)
10-12
10-10
10-11
10-9
10-8
10-7
10-6
10-5
10-4
10-3
10-2
10-1
1
OUTPUT JITTER BATHTUB PLOT
(2.125Gbps)
DATA SAMPLING TIME RELATIVE TO
FIRST ZERO CROSSING (UI)
0
0.4
0.2
0.6
0.8
1.0
2.125Gbps CRPAT AT INPUT
(DJ = 0.4UI, RJ = 0.2UI)
0.01
0.1
1
10
JITTER TOLERANCE
1.0625Gbps
FREQUENCY (Hz)
10k
1M
100k
10M
FIBRE CHANNEL
MASK
CJTPAT
DJ = 0.4UI
RJ = 0.2UI
0.01
0.1
1
10
JITTER TOLERANCE
2.125Gbps
FREQUENCY (Hz)
10k
1M
100k
10M
FIBRE CHANNEL
MASK
CJTPAT
DJ = 0.4UI
RJ = 0.2UI
Typical Operating Characteristics
(VCC = +3.3V, CF = 0.047µF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX3754CCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3750 MAXIM-MAX3750 Datasheet
517Kb / 6P
   3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
MAX3750CEE MAXIM-MAX3750CEE Datasheet
517Kb / 6P
   3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
MAX3751 MAXIM-MAX3751 Datasheet
517Kb / 6P
   3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
MAX3751CEE MAXIM-MAX3751CEE Datasheet
517Kb / 6P
   3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
MAX3752 MAXIM-MAX3752 Datasheet
288Kb / 13P
   2.125Gbps, 3.3V Quad-Port Bypass with Repeater
19-1701; Rev 2; 2/01
More results

Similar Description - MAX3754CCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3750 MAXIM-MAX3750 Datasheet
517Kb / 6P
   3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
MAX3752 MAXIM-MAX3752 Datasheet
288Kb / 13P
   2.125Gbps, 3.3V Quad-Port Bypass with Repeater
19-1701; Rev 2; 2/01
logo
Agilent(Hewlett-Packard...
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
   Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
logo
Vitesse Semiconductor C...
VSC7127 VITESSE-VSC7127 Datasheet
174Kb / 12P
   Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
logo
Sony Corporation
CXB1595AN SONY-CXB1595AN Datasheet
157Kb / 14P
   Fibre Channel Repeater
logo
Maxim Integrated Produc...
MAX3772 MAXIM-MAX3772 Datasheet
220Kb / 9P
   Dual-Rate Fibre Channel Repeaters
19-2192; Rev 0; 10/01
logo
Sony Corporation
CXB1585N SONY-CXB1585N Datasheet
180Kb / 14P
   Fibre Channel Repeater
logo
Maxim Integrated Produc...
MAX3274 MAXIM-MAX3274 Datasheet
477Kb / 10P
   Dual-Rate Fibre Channel Limiting Amplifier
Rev 1; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com