Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBV0231 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # 9DBV0231
Description  slew rate for each output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DBV0231 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  9DBV0231 Datasheet HTML 1Page - Integrated Circuit Systems 9DBV0231 Datasheet HTML 2Page - Integrated Circuit Systems 9DBV0231 Datasheet HTML 3Page - Integrated Circuit Systems 9DBV0231 Datasheet HTML 4Page - Integrated Circuit Systems 9DBV0231 Datasheet HTML 5Page - Integrated Circuit Systems 9DBV0231 Datasheet HTML 6Page - Integrated Circuit Systems 9DBV0231 Datasheet HTML 7Page - Integrated Circuit Systems 9DBV0231 Datasheet HTML 8Page - Integrated Circuit Systems 9DBV0231 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
REVISION D 08/11/15
3
2-OUTPUT 1.8V PCIE GEN1/2/3 ZERO DELAY / FANOUT BUFFER
9DBV0231 DATASHEET
Pin Descriptions
Pin#
Pin Name
Type
Description
1
FB_DNC#
DNC
Complement clock of differential feedback. The feedback output
and feedback input are connected internally on this pin. Do not
connect anything to this pin.
2
VDDR1.8
PWR
1.8V power for differential input clock (receiver). This VDD should
be treated as an Analog power rail and filtered appropriately.
3
CLK_IN
IN
True Input for differential reference clock.
4
CLK_IN#
IN
Complementary Input for differential reference clock.
5
GNDR
GND
Analog Ground pin for the differential input (receiver)
6
GNDDIG
GND
Ground pin for digital circuitry
7
VDDDIG1.8
PWR
1.8V digital power (dirty power)
8
SCLK_3.3
IN
Clock pin of SMBus circuitry, 3.3V tolerant.
9
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
10
GND
GND
Ground pin.
11
VDDO1.8
PWR
Power supply for outputs, nominally 1.8V.
12
vOE0#
IN
Active low input for enabling DIF pair 0. This pin has an internal pull-
down.
1 =disable outputs, 0 = enable outputs
13
DIF0
OUT
Differential true clock output
14
DIF0#
OUT
Differential Complementary clock output
15
GNDA
GND
Ground pin for the PLL core.
16
VDDA1.8
PWR
1.8V power for the PLL core.
17
DIF1
OUT
Differential true clock output
18
DIF1#
OUT
Differential Complementary clock output
19
vOE1#
IN
Active low input for enabling DIF pair 1. This pin has an internal pull-
down.
1 =disable outputs, 0 = enable outputs
20
VDDO1.8
PWR
Power supply for outputs, nominally 1.8V.
21
GND
GND
Ground pin.
22
^CKPWRGD_PD#
IN
Input notifies device to sample latched inputs and start up on first
high assertion. Low enters Power Down Mode, subsequent high
assertions exit Power Down Mode. This pin has internal pull-up
resistor.
23
^vHIBW_BYPM_LOBW#
LATCHED
IN
Trilevel input to select High BW, Bypass or Low BW mode.
See PLL Operating Mode Table for Details.
24
FB_DNC
DNC
True clock of differential feedback. The feedback output and
feedback input are connected internally on this pin. Do not connect
anything to this pin.
25
ePad
GND
Connect epad to ground.
NOTE: DNC indicates Do Not Connect anything to this pin.


Similar Part No. - 9DBV0231

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0231 IDT-9DBV0231 Datasheet
306Kb / 17P
   SMBus-selectable features
9DBV0231 IDT-9DBV0231 Datasheet
269Kb / 17P
   2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
logo
Renesas Technology Corp
9DBV0231 RENESAS-9DBV0231 Datasheet
750Kb / 17P
   2-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
JULY 30, 2021
logo
Integrated Device Techn...
9DBV0231AKILF IDT-9DBV0231AKILF Datasheet
269Kb / 17P
   2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
9DBV0231AKILFT IDT-9DBV0231AKILFT Datasheet
269Kb / 17P
   2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
More results

Similar Description - 9DBV0231

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBU0541 ICST-9DBU0541 Datasheet
190Kb / 16P
   slew rate for each output
9DBU0741 ICST-9DBU0741 Datasheet
225Kb / 17P
   slew rate for each output
9DBU0831 ICST-9DBU0831 Datasheet
308Kb / 17P
   slew rate for each output
9DBU0231 ICST-9DBU0231 Datasheet
295Kb / 17P
   slew rate for each output
9DBU0431 ICST-9DBU0431 Datasheet
194Kb / 16P
   slew rate for each output
9DBU0441 ICST-9DBU0441 Datasheet
195Kb / 16P
   slew rate for each output
9DBV0241 ICST-9DBV0241 Datasheet
311Kb / 17P
   slew rate for each output
9DBU0941 ICST-9DBU0941 Datasheet
303Kb / 17P
   slew rate for each output
9DBU0531 ICST-9DBU0531 Datasheet
184Kb / 16P
   slew rate for each output
9DBU0841 ICST-9DBU0841 Datasheet
309Kb / 17P
   slew rate for each output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com