Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBV0641 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # 9DBV0641
Description  HCSL compatible differential input; can be driven by common clock sources
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DBV0641 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  9DBV0641 Datasheet HTML 1Page - Integrated Circuit Systems 9DBV0641 Datasheet HTML 2Page - Integrated Circuit Systems 9DBV0641 Datasheet HTML 3Page - Integrated Circuit Systems 9DBV0641 Datasheet HTML 4Page - Integrated Circuit Systems 9DBV0641 Datasheet HTML 5Page - Integrated Circuit Systems 9DBV0641 Datasheet HTML 6Page - Integrated Circuit Systems 9DBV0641 Datasheet HTML 7Page - Integrated Circuit Systems 9DBV0641 Datasheet HTML 8Page - Integrated Circuit Systems 9DBV0641 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
REVISION B 09/11/14
5
6 O/P 1.8V PCIE GEN1-2-3 ZDB/FOB W/ZO=100OHMS
9DBV0641 DATASHEET
Test Loads
Driving LVDS
Rs
Rs
Low-Power HCSL Differential Output Test Load
2pF
2pF
5 inches
Zo=100W
Device
Rs
Device
Rs
Zo
Driving LVDS
Cc
Cc
R7a
R7b
R8a
R8b
3.3V
LVDS Clock
input
Driving LVDS inputs
Receiver has
termination
Receiver does not
have termination
R7a, R7b
10K ohm
140 ohm
R8a, R8b
5.6K ohm
75 ohm
Cc
0.1 uF
0.1 uF
Vcm
1.2 volts
1.2 volts
Component
Value
Note


Similar Part No. - 9DBV0641

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0641 IDT-9DBV0641 Datasheet
164Kb / 17P
   Direct connection to 100ohm transmission lines
9DBV0641 IDT-9DBV0641 Datasheet
167Kb / 17P
   6 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
logo
Renesas Technology Corp
9DBV0641 RENESAS-9DBV0641 Datasheet
764Kb / 18P
   6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
logo
Integrated Device Techn...
9DBV0641AKILF IDT-9DBV0641AKILF Datasheet
167Kb / 17P
   6 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
9DBV0641AKILFT IDT-9DBV0641AKILFT Datasheet
167Kb / 17P
   6 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
More results

Similar Description - 9DBV0641

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0841 IDT-9DBV0841 Datasheet
223Kb / 16P
   HCSL compatible differential input
9DBU0241 IDT-9DBU0241 Datasheet
296Kb / 17P
   HCSL-compatible differential input
9DBU0831 IDT-9DBU0831 Datasheet
308Kb / 17P
   HCSL-compatible differential input
9DBU0841 IDT-9DBU0841 Datasheet
309Kb / 17P
   HCSL-compatible differential input
9DBU0231 IDT-9DBU0231 Datasheet
295Kb / 17P
   HCSL compatible differential input
9DBU0441 IDT-9DBU0441 Datasheet
195Kb / 16P
   HCSL-compatible differential input
9DBU0631 IDT-9DBU0631 Datasheet
225Kb / 17P
   HCSL-compatible differential input
9DBV0431 IDT-9DBV0431 Datasheet
213Kb / 17P
   HCSL compatible differential input
logo
Integrated Circuit Syst...
9DBV0541 ICST-9DBV0541 Datasheet
165Kb / 16P
   HCSL compatible differential input
9DBV0841 ICST-9DBV0841 Datasheet
223Kb / 16P
   HCSL compatible differential input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com