Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DMV0431 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # 9DMV0431
Description  LP-HCSL outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DMV0431 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  9DMV0431 Datasheet HTML 1Page - Integrated Circuit Systems 9DMV0431 Datasheet HTML 2Page - Integrated Circuit Systems 9DMV0431 Datasheet HTML 3Page - Integrated Circuit Systems 9DMV0431 Datasheet HTML 4Page - Integrated Circuit Systems 9DMV0431 Datasheet HTML 5Page - Integrated Circuit Systems 9DMV0431 Datasheet HTML 6Page - Integrated Circuit Systems 9DMV0431 Datasheet HTML 7Page - Integrated Circuit Systems 9DMV0431 Datasheet HTML 8Page - Integrated Circuit Systems 9DMV0431 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2:4 1.8V PCIE GEN1-2-3 CLOCK MUX
2
REVISION B 01/26/15
9DMV0431 DATASHEET
Pin Configuration
Power Management Table
Power Connections
Pin Descriptions
24 23 22 21 20 19
DIF_INA 1
18 DIF2#
DIF_INA# 2
17 DIF2
VDDR1.8 3
16 VDD1.8
VDDR1.8 4
15 GND
DIF_INB 5
14 DIF1#
DIF_INB# 6
13 DIF1
78
9 10 11 12
24 VFQFPN, 4x4 mm, 0.5mm pitch
^ prefix indicates internal 120KOhm pull up resistor
v prefix indicates internal 120KOhm pull down resistor
9DMV0431
Connect ePad
to GND
True O/P
Comp. O/P
0
Running
Running
Running
1
Running
Low
Low
DIF_IN
OEx# Pin
DIFx
VDD
GND
324
47
16
15
DIF outputs
Description
Pin Number
Input A receiver analog
Input B receiver analog
Pin# Pin Name
Type
Pin Description
1
DIF_INA
IN
HCSL Differential True input
2
DIF_INA#
IN
HCSL Differential Complement Input
3
VDDR1.8
PWR
1.8V power for differential input clock (receiver). This VDD should be treated as an Analog
power rail and filtered appropriately.
4
VDDR1.8
PWR
1.8V power for differential input clock (receiver). This VDD should be treated as an Analog
power rail and filtered appropriately.
5
DIF_INB
IN
HCSL Differential True input
6
DIF_INB#
IN
HCSL Differential Complement Input
7
GNDR
GND
Analog Ground pin for the differential input (receiver)
8vSW_MODE
IN
Switch Mode. This pin selects either asynchronous or glitch-free switching of the mux. Use
asynchronous mode if 0 or 1 of the input clocks is running. Use glitch-free mode if both input
clocks are running. This pin has an internal pull down resistor of ~120kohms.
0 = asynchronous mode
1 = glitch-free mode
9^OE0#
IN
Active low input for enabling DIF pair 0. This pin has an internal pull-up resistor.
1 =disable outputs, 0 = enable outputs
10
DIF0
OUT
Differential true clock output
11
DIF0#
OUT
Differential Complementary clock output
12
^OE1#
IN
Active low input for enabling DIF pair 1. This pin has an internal pull-up resistor.
1 =disable outputs, 0 = enable outputs
13
DIF1
OUT
Differential true clock output
14
DIF1#
OUT
Differential Complementary clock output
15
GND
GND
Ground pin.


Similar Part No. - 9DMV0431

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DMV0431 IDT-9DMV0431 Datasheet
206Kb / 12P
   Spread Spectrum Compatible
logo
Renesas Technology Corp
9DMV0431 RENESAS-9DMV0431 Datasheet
2Mb / 13P
   2:4 1.8V PCIe Gen1-2-3 Clock Mux
01/26/15
More results

Similar Description - 9DMV0431

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0431 ICST-9DBV0431 Datasheet
213Kb / 17P
   LP-HCSL outputs save 8 resistors; minimal board space and BOM cost
logo
Integrated Device Techn...
9DBL0243 IDT-9DBL0243 Datasheet
387Kb / 22P
   2-Output 3.3V LP-HCSL Zero-Delay Buffer with LOS Indicator
logo
Pericom Semiconductor C...
PI6C557-03ALEX PERICOM-PI6C557-03ALEX Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-01B PERICOM-PI6C557-01B Datasheet
925Kb / 8P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-01BQ PERICOM-PI6C557-01BQ Datasheet
986Kb / 9P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-05 PERICOM-PI6C557-05 Datasheet
819Kb / 9P
   PCIe 2.0 Clock Generator with 4 HCSL Outputs
PI6C557-05B PERICOM-PI6C557-05B Datasheet
802Kb / 8P
   PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6C557-03ALE PERICOM-PI6C557-03ALE Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-03B PERICOM-PI6C557-03B Datasheet
837Kb / 9P
   PCIe짰 3.0 Clock Generator with 2 HCSL Outputs
logo
Integrated Circuit Syst...
9DBV0741 ICST-9DBV0741 Datasheet
158Kb / 16P
   Integrated terminations; save 28 resistors compared to standard HCSL outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com