Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POC-S157-120-BTE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # POC-S157-120-BTE
Description  Slim Point-of-Care Terminal with 15" TFT LCD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

POC-S157-120-BTE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  POC-S157-120-BTE Datasheet HTML 1Page - Advantech Co., Ltd. POC-S157-120-BTE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Unit: mm
Unit: mm
Dimensions
Mounting
417.3
89.3
POC-S157
Rear I/O (Type A)
1. Isolated RS-232/422/485 COM port
(COM1)
2. Isolated RS-232 COM port (COM2)
3. 10/100/1000 Mbps Ethernet interface
(RJ-45)
Ordering Information
Part Number
Rear I/O
Touch Panel
HDD 24 x 7 RAM
POC-S157-120-ATE
Type A
Res.TS
-
2G
POC-S157-120-BTE
Type B
Res.TS
-
2G
4. 10/100/1000 Mbps Ethernet interface
(RJ-45)
5. DVI-I port
6. USB 2.0 Ports x 3
7. 4-pin mini-DIN DC connector
100
75
M4
1
2
3
4
5
6
7
Rear I/O (Type B)
1. Power Connector
2. USB 2.0 Ports x 2
3. RS-232 Serial Port
4. 10/100M LAN x 1
5. Isolated RS-232 Serial Port
6. Isolated RS-232 Serial Port
7. Isolated RS-232/422/485 Serial Port
8. Power Switch
9. Equipotential
9
7 8
6
5
4
3
2
1
Packing List
Description
Quantity
AC 100W SPS HPU100-107 W/PFC 100-240
1
User manual for POC-S157 model 1st Ed
1
Advantech 2-year warranty card
1
CD-ROM for POC-S series Driver & Utility
1
China RoHs report
1
Part Number
Description
1702002600
Power Cable (USA) 1.83M
1702002605
Power Cable (Europe) 1.8M
*
802.11 b/g/n wireless LAN mini-PCIe module & inner antenna
*means this accessory will go with T Part Number. Please contact Advantech sales for
more details.


Similar Part No. - POC-S157-120-BTE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-S157-120-BTE ADVANTECH-POC-S157-120-BTE Datasheet
694Kb / 2P
   Slim Point-of-Care Terminal with 15 TFT LCD
22-Jul-2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com