Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWS-440-6E003E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PWS-440-6E003E
Description  3.7" Ultra Rugged PDA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PWS-440-6E003E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PWS-440-6E003E Datasheet HTML 1Page - Advantech Co., Ltd. PWS-440-6E003E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
PWS-440
Dimensions
Unit: mm
Ordering Information
Part Number
Description
PWS-440-6E000E
PWS-440 with WLAN/BT/GPS/WIN CE6.0
PWS-440-6E003E
PWS-440 with WLAN/BT/GPS/3.5G/WIN CE6.0
PWS-440-6M000E
PWS-440 with WLAN/BT/GPS/WIN Embedded
Handheld 6.5
PWS-440-6M003E
PWS-440 with WLAN/BT/GPS/3.5G/WIN Embedded
Handheld 6.5
Note: The package are include PWS-440 device, power adapter, and hanstrap
I/O Connectors
96.00
106.00
1. Function buttons
2. Suspend button
3. Navigation keys
4. FN button
9. RS 232
10. USB type A (USB 1.1 Host)
11. RS 232 (RS422/RS485)
12. RJ-45 Port
13. Handphone, microphone & micro SD slot
14. DC in & min USB type (USB 1.1 slave)
5 Enter keys
6. Docking/cradle connector
7. Battery pack latch
5
4
9
12
10
13
11
14
2
1
3
7 6
Accessories
Part Number
Description
P37B-91-P37BB-C01
Accessory P37B 4IN1 battery charger
P37B-91-P37BC-R02
Accessory P37B cradle
P37B-93-P37B4-001
Accessory P37B battery pack 2S1P 1880MAH
1757003914
Adaptor AC-DC 12V/4A 100-240V


Similar Part No. - PWS-440-6E003E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PWS-470-VCRADLE00E ADVANTECH-PWS-470-VCRADLE00E Datasheet
1Mb / 4P
   5 Industrial-Grade Handheld Terminal with ARM짰 Cortex??A53 Quad-Core Processor
20-Dec-2018
PWS-470 ADVANTECH-PWS-470_14 Datasheet
890Kb / 2P
   5" Rugged Handheld
PWS-472 ADVANTECH-PWS-472 Datasheet
1Mb / 4P
   5 Industrial-Grade Handheld Terminal with ARM짰 Cortex??A53 Quad-Core Processor
20-Dec-2018
PWS-472-BAG100E ADVANTECH-PWS-472-BAG100E Datasheet
1Mb / 4P
   5 Industrial-Grade Handheld Terminal with ARM짰 Cortex??A53 Quad-Core Processor
20-Dec-2018
PWS-472-BAT100E ADVANTECH-PWS-472-BAT100E Datasheet
1Mb / 4P
   5 Industrial-Grade Handheld Terminal with ARM짰 Cortex??A53 Quad-Core Processor
20-Dec-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com