Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TREK-674-HWB7A0E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # TREK-674-HWB7A0E
Description  Compact In-vehicle Computing Box for Surveillance & Fleet Management
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TREK-674-HWB7A0E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  TREK-674-HWB7A0E Datasheet HTML 1Page - Advantech Co., Ltd. TREK-674-HWB7A0E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.advantech-dlog.com
Regional contact:
TREK-674
Power
Voltage input
Supports 12/24 V car power system. (9V ~ 32V wide DC input, ISO 7637-2 & SAE J1113 compliant.)
Intelligent Vehicle Power
Management (iVPM 2.0)
System power on/off/hibernate management (e.g. Programmable Ignition On/Off Time delay)
Support Wake up Events:
- Alarm (RTC) Wake up.
- Wake up by Call/SMS.
- Wake up by G-sensor.
System power protection (e.g.Car Battery Low Voltage Protection)
System monitoring and diagnostic
Mechanical
Dimensions (W x H x D)
294 x 73 x 184 mm
Weight
3.5 kg
Environment
IP Rating
IP30
Vibration/Shock
MIL-STD-810G, EN60721-3(5M3)
EMC
CE, FCC, CCC
Safety
UL/cUL, CB
Vehicle Regulation
E-Mark (E13), SAE J1455 class C, ISO 7637-2, SAE J1113
RF Regulation
CE (R&TTE), FCC ID
Operating Temperature
-30° C ~ 70° C
Storage Temperature
-40° C ~ 80° C
*1: To be paired with TREK-303/306 directly. (Single-cable connection)
*2: Support dual independent audio streams. (i.e. The Line-Out interface in "Smart Display Port" and "Generic I/O Port" are driven by different Audio codecs.)
*3: The connector type on box side is Female RP-SMA connector. (i.e. Female connector body (outside threads) with a male inner pin contact.)
Dimensions
Unit: mm
Ordering Information
Part Number
Description
TREK-674-HWB7A0E
TREK-674 w/HSPA+(EU)/GPS/WLAN/BT/SSD/WES7
TREK-674-HWB7B0E
TREK-674 w/HSPA+(US)/GPS/WLAN/BT/SSD/WES7
TREK-674-HWB8A0E
TREK-674 w/HSPA+(EU)/GPS/WLAN/BT/SSD/WE8S
TREK-674-HWB8B0E
TREK-674 w/HSPA+(US)/GPS/WLAN/BT/SSD/WE8S
Remark: Linux O.S. image is by project-based.
I/O Connectors
Reset Button
GPS LED
2.5" SSD Tray with key-lock
WWAN LED
Cfast /Dual SIM sockets / USB 3.0
Storage LED
WLAN LED
Power LED
WLAN 1
LAN 2
LAN 1
USB Port 1 & Port 2
Smart Display Port
Generic I/O Port
WWAN 1
GPS Ant.
WWAN 2
WLAN 2
Power In
Vehicle I/O Port
AV In
RS-232
VGA
294
283.80
Ø5.80
* WLAN 1= WLAN Main, WLAN 2= WLAN Aux;
WWAN 1=WWAN Main, WWAN 2= WWAN Aux


Similar Part No. - TREK-674-HWB7A0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-60 ADVANTECH-TREK-60 Datasheet
807Kb / 4P
   Modular AI Platform for Scalable Surveillance and Fleet Management
25-Aug-2021
TREK-60-52PN0E ADVANTECH-TREK-60-52PN0E Datasheet
807Kb / 4P
   Modular AI Platform for Scalable Surveillance and Fleet Management
25-Aug-2021
TREK-60-5APAXN0E ADVANTECH-TREK-60-5APAXN0E Datasheet
807Kb / 4P
   Modular AI Platform for Scalable Surveillance and Fleet Management
25-Aug-2021
TREK-60-5APBXN0E ADVANTECH-TREK-60-5APBXN0E Datasheet
807Kb / 4P
   Modular AI Platform for Scalable Surveillance and Fleet Management
25-Aug-2021
TREK-60-720N0E ADVANTECH-TREK-60-720N0E Datasheet
807Kb / 4P
   Modular AI Platform for Scalable Surveillance and Fleet Management
25-Aug-2021
More results

Similar Description - TREK-674-HWB7A0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-668-HWB7A1E ADVANTECH-TREK-668-HWB7A1E Datasheet
1Mb / 2P
   Premium In-vehicle Computing Box for Surveillance & Fleet Management
TREK-668 ADVANTECH-TREK-668 Datasheet
942Kb / 2P
   Premium In-vehicle Computing Box for Surveillance & Fleet Management
TREK-688-7LWB7PA0E ADVANTECH-TREK-688-7LWB7PA0E Datasheet
855Kb / 2P
   Premium In-vehicle Computing Box for Surveillance & Fleet Management
TREK-570-00A0E ADVANTECH-TREK-570-00A0E Datasheet
516Kb / 2P
   Compact In-vehicle Computing Box for Fleet Management
TREK-570 ADVANTECH-TREK-570 Datasheet
777Kb / 4P
   Compact In-Vehicle Computing Box for Fleet Management
28-Jun-2022
TREK-520-CWBCEB0E ADVANTECH-TREK-520-CWBCEB0E Datasheet
824Kb / 2P
   RISC Compact In-vehicle Computing Box for Fleet Management
TREK-550 ADVANTECH-TREK-550 Datasheet
1Mb / 2P
   Intel짰 Atom??In-Vehicle Computing Box
TREK-510 ADVANTECH-TREK-510 Datasheet
1Mb / 2P
   ARM-based, In-Vehicle Computing Box
TREK-60 ADVANTECH-TREK-60 Datasheet
807Kb / 4P
   Modular AI Platform for Scalable Surveillance and Fleet Management
25-Aug-2021
logo
DFI Inc
VC230-AL DFI-VC230-AL Datasheet
1Mb / 4P
   In-Vehicle Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com