Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3803 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3803
Description  DC-Coupled, UCSP 3.125Gbps Equalizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3803 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3803 Datasheet HTML 1Page - Maxim Integrated Products MAX3803 Datasheet HTML 2Page - Maxim Integrated Products MAX3803 Datasheet HTML 3Page - Maxim Integrated Products MAX3803 Datasheet HTML 4Page - Maxim Integrated Products MAX3803 Datasheet HTML 5Page - Maxim Integrated Products MAX3803 Datasheet HTML 6Page - Maxim Integrated Products MAX3803 Datasheet HTML 7Page - Maxim Integrated Products MAX3803 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX3803 equalizer automatically provides com-
pensation for transmission-medium losses encountered
with FR4 stripline and cable in an incredibly small 2mm
× 2.5mm package. It is ideal for backplane applications
requiring up to 40in between the line card and the
switch card or up to 10m of twin ax cable between
racks. Its small size provides placement and routing
flexibility. The CML inputs and outputs are DC-coupled
and can be terminated to a supply as low as +1.1V.
The MAX3803 operates from 0°C to +85°C and con-
sumes 160mW at +3.3V.
Applications
Backplane Interconnect
Rack-to-Rack Interconnect
Common-Mode Voltage Translation
(LVDS, PECL, or CML)
Features
o DC-Coupled Input and Output to Terminations
as Low as +1.1V
o 2mm × 2.5mm UCSPTM
o 1Gbps to 3.2Gbps Operating Range
o Spans 40in (1m) of FR4
o Spans 10m, 28AWG Twin Ax
o Receive Equalization to Reduce ISI
DC-Coupled, UCSP 3.125Gbps Equalizer
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
MAC
WITH
SERDES
Rx
Tx
Tx
Rx
+1.1V
≤ V ≤ VCC
+3.3V
+1.1V
≤ V ≤ VCC
SWITCH
ASIC
WITH
SERDES
Rx
Tx
+1.1V
≤ V ≤ VCC
+1.1V
≤ V ≤ VCC
22
22
IN
VTI
VCC
+3.3V
VCC
VTO
OUT
OUT
VTO
VTI
IN
22
22
≤40in (1m)
FR4 STRIPLINE
FR4 STRIPLINE
LINE CARD
SWITCH CARD
MAX3803
MAX3803
Typical Application Circuit
19-2699; Rev 0; 2/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configuration appears at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
PART
TEMP RANGE
PIN-PACKAGE
MAX3803UBP-T
0
°C to +85°C
5 x 4 UCSP


Similar Part No. - MAX3803

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3800 MAXIM-MAX3800 Datasheet
349Kb / 13P
   3.2Gbps Adaptive Equalizer and Cable Driver
19-1953; Rev 1; 11/01
MAX3800UGJ MAXIM-MAX3800UGJ Datasheet
349Kb / 13P
   3.2Gbps Adaptive Equalizer and Cable Driver
19-1953; Rev 1; 11/01
MAX3800UHJ MAXIM-MAX3800UHJ Datasheet
349Kb / 13P
   3.2Gbps Adaptive Equalizer and Cable Driver
19-1953; Rev 1; 11/01
MAX3801 MAXIM-MAX3801 Datasheet
1Mb / 10P
   3.2Gbps Adaptive Equalizer
19-1999; Rev 4; 7/04
MAX3801UGG MAXIM-MAX3801UGG Datasheet
68Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
More results

Similar Description - MAX3803

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3980 MAXIM-MAX3980 Datasheet
436Kb / 9P
   3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
MAX3981 MAXIM-MAX3981 Datasheet
362Kb / 9P
   3.125Gbps XAUI Quad Cable Equalizer
Rev 1; 5/03
MAX3981 MAXIM-MAX3981_08 Datasheet
510Kb / 9P
   3.125Gbps XAUI Quad Cable Equalizer
Rev 2; 12/08
MAX9516EVKIT MAXIM-MAX9516EVKIT Datasheet
102Kb / 5P
   DC-Coupled Output
Rev 0; 4/07
logo
Texas Instruments
TLC320AD81C TI-TLC320AD81C Datasheet
185Kb / 47P
[Old version datasheet]   Stereo Audio Digital Equalizer DC
logo
Maxim Integrated Produc...
MAX3805EVKIT MAXIM-MAX3805EVKIT Datasheet
173Kb / 5P
   DC-Coupled Evaluation Kit
Rev 0; 8/03
logo
Integral Corp.
ILA8351 INTEGRAL-ILA8351 Datasheet
279Kb / 6P
   DC-COUPLED VERTICAL DEFLECTION CIRCUIT
logo
NXP Semiconductors
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
logo
KODENSHI_AUK CORP.
KKA8351 KODENSHI-KKA8351 Datasheet
127Kb / 6P
   DC-COUPLED VERTICAL DEFLECTION CIRCUIT
KKA8356 KODENSHI-KKA8356 Datasheet
189Kb / 5P
   DC-coupled vertical deflection circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com