Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTC-300P-M20E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UTC-300P-M20E
Description  5M Camera Module for UTC-300 Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-300P-M20E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UTC-300P-M20E Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ubiquitous Touch Computer 5XX Modules
UTC-300P-C
5M Camera Module for UTC-300 Series
UTC-300P-M
Magnetic Stripe Reader for UTC-300 Series
Specifications
Interface
USB
Cable Length
70cm
Image Resolution
2592 (H) x 1944 (V)
Focusing Range
10 cm~
∞; Supports auto focus
Frame Rate
640 x 480 @ 30 fps max
1280 x 720 @ 30 fps max
1920 x 1080 @ 30 fps max
1600 x 1200 @ 15 fps max
2592 x 1944 @ 15 fps max
Video Format
MJPG
OS Support
Windows XP/7/8
Dimensions
101 x 37 x 25 mm
Operating Temperature
0 ~ 40° C
Packing List
Description
Quantity
Camera Module Unit
1
Bracket
1
Screw
2
Installation Guide
1
Ordering Information
P/N
Description
UTC-300P-C10E
5MP camera module, White, for UTC-315
UTC-300P-C11E
5MP camera module, Black, for UTC-315
UTC-300P-C20E
5MP camera module, White, for UTC-318
UTC-300P-C21E
5MP camera module, Black, for UTC-318
Specifications
Interface
USB
Cable Length
50cm
Track Configuration
TRACK 1 / IATA / 210 bpi / 79 Alphanumeric
Characters
TRACK 2 / ABA / 75 bpi / 40 Numeric Characters
TRACK 3 / Thrift / 210 bpi / 107 Numeric Characters
Card Standard
ANSI/ISO Standards 7810,7811-1~6, 7813
Read Speed
3 ips to 60 ips (7 cm/s to 150 cm/s)
Magnetic Head Life
1,000,000 times (ISO test standard)
OS Support
Windows XP/7/8 (Supports OPOS & JPOS Drivers)
Dimensions
101 x 37 x 25 mm
Operating Temperature
0 ~ 40° C
Packing List
Description
Quantity
Magnetic Stripe Reader Unit
1
Bracket
1
Screw
2
Installation Guide
1
Ordering Information
P/N
Description
UTC-300P-M10E
Magnet Strip Reader, White, for UTC-315
UTC-300P-M11E
Magnet Strip Reader, Black, for UTC-315
UTC-300P-M20E
Magnet Strip Reader, White, for UTC-318
UTC-300P-M21E
Magnet Strip Reader, Black, for UTC-318
All product specifications are subject to change without notice
Last updated : 2-Apr-2015


Similar Part No. - UTC-300P-M20E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-300P-M20E ADVANTECH-UTC-300P-M20E Datasheet
494Kb / 2P
   18.5" Ubiquitous Touch Computer
UTC-300P-M20E ADVANTECH-UTC-300P-M20E Datasheet
214Kb / 1P
   5M Camera Module for UTC-300 Series
UTC-300P-M20E ADVANTECH-UTC-300P-M20E Datasheet
914Kb / 4P
   15.6" Ubiquitous Touch Computer
6-Jul-2023
UTC-300P-M20E ADVANTECH-UTC-300P-M20E Datasheet
1Mb / 4P
   18.5" Ubiquitous Touch Computer
6-Jul-2023
UTC-300P-M20E ADVANTECH-UTC-300P-M20E Datasheet
884Kb / 4P
   21.5" Ubiquitous Touch Computer
6-Jul-2023
More results

Similar Description - UTC-300P-M20E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-300P-C ADVANTECH-UTC-300P-C Datasheet
214Kb / 1P
   5M Camera Module for UTC-300 Series
UTC-542P-C1E ADVANTECH-UTC-542P-C1E Datasheet
304Kb / 1P
   Camera Module for UTC-542 Series
28-Jun-2017
UTC-P01 ADVANTECH-UTC-P01 Datasheet
403Kb / 1P
   Camera Module for UTC-500 Series
UTC-P01-A1E ADVANTECH-UTC-P01-A1E Datasheet
403Kb / 1P
   Camera Module for UTC-500 Series
UTC ADVANTECH-UTC_V02 Datasheet
870Kb / 3P
   Camera Module for UTC-500 Series
5-Aug-2019
UTC-300P-R10E ADVANTECH-UTC-300P-R10E Datasheet
211Kb / 1P
   RFID Reader for UTC-300 Series
UTC-300P-R ADVANTECH-UTC-300P-R Datasheet
211Kb / 1P
   RFID Reader for UTC-300 Series
2-Apr-2015
UTC-300P-S ADVANTECH-UTC-300P-S Datasheet
211Kb / 1P
   Smart Card Reader for UTC-300 Series
logo
Leopard Imaging Inc.
LI-OV5640-USB-72 LEOPARD-LI-OV5640-USB-72 Datasheet
373Kb / 2P
   5M USB Camera
logo
Advantech Co., Ltd.
UTC-307 ADVANTECH-UTC-307 Datasheet
419Kb / 2P
   Fingerprint Module for UTC-500 Series
26-Dec-2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com