Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCP650PS05 Datasheet(PDF) 6 Page - XP Power Limited

Part # HCP650PS05
Description  6503000 Watts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HCP650PS05 Datasheet(HTML) 6 Page - XP Power Limited

  HCP650PS05 Datasheet HTML 1Page - XP Power Limited HCP650PS05 Datasheet HTML 2Page - XP Power Limited HCP650PS05 Datasheet HTML 3Page - XP Power Limited HCP650PS05 Datasheet HTML 4Page - XP Power Limited HCP650PS05 Datasheet HTML 5Page - XP Power Limited HCP650PS05 Datasheet HTML 6Page - XP Power Limited HCP650PS05 Datasheet HTML 7Page - XP Power Limited HCP650PS05 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HCP Series
LED Status
Application Notes
LED Status
Output Status
Solid (Green)
DC Output OK
Slow Blink (Green)
Output Not Enabled
Fast Blink (Red)
Over Voltage
Solid (Red)
Over Loaded
Short Circuited
Under Voltage (<70% of output voltage)
Slow Blink (Red)
Over Temperature
Intermittent Blink (Red)
Fan Fail
Short & Long Blink (Red)
5 V Standby Failure
Remote Enable (unit supplied enabled)
Remote Sense
Local Sense
PWM Signal
OFF Power OFF
Power ON
ON
(A) Using internal 5 V standby
2K
Ω
5 V SB
EN+
EN-
GND
SW
5V
Low Power OFF
Power ON
High
(B) Using external by transistor
2K
Ω
GND
5 V SB
EN+
EN-
GND
5V
Low/H
PWM
POWER SUPPLY
Signal Connector
330R
GND
5 V Standby
PWM SWITCHING (LOW)
PWM NOT SWITCHING (HIGH)
+
-
Load
VS-
VO-
AUX
VO+
VS+
EN+
EN-
GND
CS
+
-
Load
VS-
VO-
AUX
VO+
VS+
EN+
EN-
GND
Must be used if remote sense is not required.


Similar Part No. - HCP650PS05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HCP650 XPPOWER-HCP650 Datasheet
638Kb / 8P
   650-3000 Watts HCP Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com