Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCP1000PS24 Datasheet(PDF) 6 Page - XP Power Limited

Part # HCP1000PS24
Description  6503000 Watts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HCP1000PS24 Datasheet(HTML) 6 Page - XP Power Limited

  HCP1000PS24 Datasheet HTML 1Page - XP Power Limited HCP1000PS24 Datasheet HTML 2Page - XP Power Limited HCP1000PS24 Datasheet HTML 3Page - XP Power Limited HCP1000PS24 Datasheet HTML 4Page - XP Power Limited HCP1000PS24 Datasheet HTML 5Page - XP Power Limited HCP1000PS24 Datasheet HTML 6Page - XP Power Limited HCP1000PS24 Datasheet HTML 7Page - XP Power Limited HCP1000PS24 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HCP Series
LED Status
Application Notes
LED Status
Output Status
Solid (Green)
DC Output OK
Slow Blink (Green)
Output Not Enabled
Fast Blink (Red)
Over Voltage
Solid (Red)
Over Loaded
Short Circuited
Under Voltage (<70% of output voltage)
Slow Blink (Red)
Over Temperature
Intermittent Blink (Red)
Fan Fail
Short & Long Blink (Red)
5 V Standby Failure
Remote Enable (unit supplied enabled)
Remote Sense
Local Sense
PWM Signal
OFF Power OFF
Power ON
ON
(A) Using internal 5 V standby
2K
Ω
5 V SB
EN+
EN-
GND
SW
5V
Low Power OFF
Power ON
High
(B) Using external by transistor
2K
Ω
GND
5 V SB
EN+
EN-
GND
5V
Low/H
PWM
POWER SUPPLY
Signal Connector
330R
GND
5 V Standby
PWM SWITCHING (LOW)
PWM NOT SWITCHING (HIGH)
+
-
Load
VS-
VO-
AUX
VO+
VS+
EN+
EN-
GND
CS
+
-
Load
VS-
VO-
AUX
VO+
VS+
EN+
EN-
GND
Must be used if remote sense is not required.


Similar Part No. - HCP1000PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HCP1000 XPPOWER-HCP1000 Datasheet
638Kb / 8P
   650-3000 Watts HCP Series
logo
Okaya Electric America,...
HCP1000V104K OKAYA-HCP1000V104K Datasheet
88Kb / 2P
   HIGH PULSE CAPACITOR
HCP1000V104KS OKAYA-HCP1000V104KS Datasheet
328Kb / 1P
   CAPACITOR
HCP1000V105K OKAYA-HCP1000V105K Datasheet
88Kb / 2P
   HIGH PULSE CAPACITOR
HCP1000V474K OKAYA-HCP1000V474K Datasheet
88Kb / 2P
   HIGH PULSE CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com