Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDL3000PS60 Datasheet(PDF) 1 Page - XP Power Limited

Part # HDL3000PS60
Description  3000 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HDL3000PS60 Datasheet(HTML) 1 Page - XP Power Limited

  HDL3000PS60 Datasheet HTML 1Page - XP Power Limited HDL3000PS60 Datasheet HTML 2Page - XP Power Limited HDL3000PS60 Datasheet HTML 3Page - XP Power Limited HDL3000PS60 Datasheet HTML 4Page - XP Power Limited HDL3000PS60 Datasheet HTML 5Page - XP Power Limited HDL3000PS60 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HDL3000 Series
AC-DC Power Supplies
Input
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage
90
264
VAC
See derating curve
Input Frequency
47
63
Hz
Power Factor
0.98/0.95
115/230 VAC full load
Input Current
19.7/14.5
A
115 VAC at 2000 W/230 VAC at 3000 W
Inrush Current
33/65
A
115/230 VAC
Earth Leakage Current
1
mA
264 VAC/60 Hz
The HDL3000 series offers users both output voltage and output current programming
(0 – 105%) via resistance, voltage or I2C bus in a very high efficiency, high power density
3 kW chassis mount package. Measuring just 5” x 2.5” x 12.48”, the HDL3000 also
features active current sharing, remote on/off, remote sense and a power OK signal. The
standby output is available whenever the mains supply is present and can be user
selected as either 5 V at 0.5 A or 9V at 0.3 A.
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Measured with 230 VAC input and full load.
• High Efficiency up to 93%
• High Power Density
• Programmable Output Voltage (0-105%)
• Programmable Output Current (0-105%)
• Parallel Operation
• Fully Featured Signals & Controls
• 3 Year Warranty
Dimensions:
HDL3000:
12.48 x 6.69 x 2.50”(319.0 x 170.0 x 63.5 mm)
including connectors
3000 Watts
Output Power
Output Voltage V1
Output Current
Ripple & Noise
Efficiency(1)
Model Number
High Line
Low Line
High Line
Low Line
2400 W
2000 W
12.0 VDC
200 A
166.6 A
150 mV
88%
HDL3000PS12
2400 W
2000 W
15.0 VDC
160 A
133.3 A
150 mV
89%
HDL3000PS15
3000 W
2000 W
24.0 VDC
125 A
83.3 A
150 mV
91%
HDL3000PS24
3000 W
2000 W
30.0 VDC
100 A
66.6 A
150 mV
91%
HDL3000PS30
3000 W
2000 W
36.0 VDC
83.5 A
55.5 A
150 mV
92%
HDL3000PS36
3000 W
2000 W
48.0 VDC
62.5 A
41.6 A
150 mV
92%
HDL3000PS48
3000 W
2000 W
60.0 VDC
50 A
33.3 A
150 mV
93%
HDL3000PS60


Similar Part No. - HDL3000PS60

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HDL3000PS60 XPPOWER-HDL3000PS60 Datasheet
962Kb / 6P
   AC-DC Power Supplies
More results

Similar Description - HDL3000PS60

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
HPS3KW ASTEC-HPS3KW Datasheet
225Kb / 3P
   3000 Watts
logo
XP Power Limited
HCP650PS05 XPPOWER-HCP650PS05 Datasheet
305Kb / 8P
   6503000 Watts
HCP650 XPPOWER-HCP650 Datasheet
638Kb / 8P
   650-3000 Watts HCP Series
logo
Powerbox
SM3000 POWERBOX-SM3000 Datasheet
113Kb / 2P
   3000 WATTS PROGRAMMABLE DC SUPPLY
DCS8-140E POWERBOX-DCS8-140E Datasheet
133Kb / 4P
   1000-3000 WATTS PROGRAMMABLE DC SUPPLY
DLM5-350E POWERBOX-DLM5-350E Datasheet
133Kb / 3P
   3000-4000 WATTS PROGRAMMABLE DC SUPPLY
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
3.0SMCJ TSC-3.0SMCJ_1 Datasheet
279Kb / 4P
   3000 Watts Surface Mount Transient Voltage Suppressor
logo
Jinan Jingheng (Group) ...
3KP JINANJINGHENG-3KP Datasheet
775Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER-3000 Watts
logo
Microdiode Electronics ...
SMDJ CHENDA-SMDJ Datasheet
3Mb / 5P
   5.0-170 Volts Peak pulse power: 3000 Watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com