Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCP1500PS24 Datasheet(PDF) 7 Page - XP Power Limited

Part # HCP1500PS24
Description  6503000 Watts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HCP1500PS24 Datasheet(HTML) 7 Page - XP Power Limited

  HCP1500PS24 Datasheet HTML 1Page - XP Power Limited HCP1500PS24 Datasheet HTML 2Page - XP Power Limited HCP1500PS24 Datasheet HTML 3Page - XP Power Limited HCP1500PS24 Datasheet HTML 4Page - XP Power Limited HCP1500PS24 Datasheet HTML 5Page - XP Power Limited HCP1500PS24 Datasheet HTML 6Page - XP Power Limited HCP1500PS24 Datasheet HTML 7Page - XP Power Limited HCP1500PS24 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HCP Series
Application Notes
Output Voltage Program
1.2
30
1.5
2.0
2.5
40
50
70
60
80
90
100
105
4.8
4.5
4.0
3.5
3.0
ExternalVoltage (VDC) - All models
6.6
Open
30
70
90
100
16.9
39.8
137 640
2400
50
GND Pin
VCI Pin
1.2-4.8 V
GND Pin
VCI Pin
5.6 kΩ - 156 kΩ
External Resistor (kΩ) - HCP650/1000
External Resistor (kΩ) - HCP1500
90
100
85
75
30
5.6
50
100
156 Open
GND Pin
VCI Pin
6.6 kΩ - 640 kΩ
External Resistor (kΩ) - HCP3000
GND Pin
VCI Pin
14.3 kΩ - 2400 kΩ
14.3
Open
30
70
85
90
100
50
38.6
92
327
2400
2000
ExternalVoltage (VDC) - All models
GND Pin
ACI Pin
1.6-4.2 V
GND Pin
ACI Pin
11.5 kΩ - 200 kΩ
External Resistor (kΩ) - HCP650/1000
1.6
2.0
2.5
3.0
3.5
4.0 4.2 4.5
5.0
40
50
70
60
80
90
100
105
90
100
85
75
30
5.6
50
100
156 Open
Output Current Program


Similar Part No. - HCP1500PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HCP1500 XPPOWER-HCP1500 Datasheet
638Kb / 8P
   650-3000 Watts HCP Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com