Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHP1000PS36 Datasheet(PDF) 3 Page - XP Power Limited

Part # SHP1000PS36
Description  3501200 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SHP1000PS36 Datasheet(HTML) 3 Page - XP Power Limited

  SHP1000PS36 Datasheet HTML 1Page - XP Power Limited SHP1000PS36 Datasheet HTML 2Page - XP Power Limited SHP1000PS36 Datasheet HTML 3Page - XP Power Limited SHP1000PS36 Datasheet HTML 4Page - XP Power Limited SHP1000PS36 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SHP650
Mechanical Details
Models and Ratings
Notes
1. For top fan version replace ‘-EF’ in model number with ‘-TF’, e.g.
SHP650PS12-TF
2. For U Channel version remove suffix.
3. U Channel models require a minimum of 5.5 m/s airflow from the system.
4. Not available for ‘-TF’ and ‘-EF’ models as used by integral fan.
Output Voltage V1
Output Current V1
Fan Supply V2(4)
Standby Supply V3
Output Power(3)
Model Number(1,2)
12 V
50.0 A
12 V / 0.5 A
5 V / 0.2 A
607 W
SHP650PS12-EF
15 V
40.0 A
12 V / 0.5 A
5 V / 0.2 A
607 W
SHP650PS15-EF
24 V
27.0 A
12 V / 0.5 A
5 V / 0.2 A
655 W
SHP650PS24-EF
28 V
23.0 A
12 V / 0.5 A
5 V / 0.2 A
655 W
SHP650PS28-EF
36 V
18.0 A
12 V / 0.5 A
5 V / 0.2 A
655 W
SHP650PS36-EF
48 V
13.5 A
12 V / 0.5 A
5 V / 0.2 A
655 W
SHP650PS48-EF
End Fan (See Longform Datasheet for UChannel Version)
1. Dimensions shown in inches (mm).
2. Weight: 2.8 lb (1.27 kg).
3. J3 Mating Plug: JST part no. PHR-2, contact: JST part no.
SPH-002T-P0.5S; J3 Mating Plug: JST part no. PHDR-10VS,
contact: 26-22AWG JST part no. SPHD-001T-P0.5
Notes
Standard Terminal Block, M4 Screw, 6 Pins, 9.5 mm Center
torque 10.62 lbs-in (1.2 Nm)
Standard Terminal
Block, M3.5 Screw 3
Pins 9.5 mm Center
torque 10.62 lbs-in (1.2 Nm)
9.18 (233.2)
N
E
L
2.50 (63.5)
V1 Adjustment
Output On, LED
1.95
(49.5)
2.49
(63.3)
AIRFLOW
Pin 1
Pin 9
Pin 2
Pin 10
J3: Logic Connector
0.87
(22.2)
2.86 (72.6)
6.53 (165.8)
8.00 (203.2)
4.00
(101.6)
CL
2 x M3 THD both side faces
0.15 (3.8) max screw penetration
max torque 4.0-5.0 lbs-in (0.45-0.57 Nm)
4 x M3 THD
0.15 (3.8) max screw penetration
max torque 4.0-5.0 lbs-in (0.45-0.57 Nm)
J3 Logic Connector
(JST B10B-PHDSS)
Pin
Function
1
+ Sense
2
- Sense
3
AC OK/Power Fail
4
- Sense
5
Current Share
6
Current Share
7
+ Inhibit
8
- Inhibit
9
+5 V Standby (V3)
10 5 V Standby Return (V3)


Similar Part No. - SHP1000PS36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SHP1000PS36 XPPOWER-SHP1000PS36 Datasheet
654Kb / 5P
   350-1200 Watts SHP Series
SHP1000PS36 XPPOWER-SHP1000PS36 Datasheet
3Mb / 26P
   420 W High Line Output Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com