Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX381ESE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX381ESE
Description  Precision, Low-Voltage Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX381ESE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX381ESE Datasheet HTML 1Page - Maxim Integrated Products MAX381ESE Datasheet HTML 2Page - Maxim Integrated Products MAX381ESE Datasheet HTML 3Page - Maxim Integrated Products MAX381ESE Datasheet HTML 4Page - Maxim Integrated Products MAX381ESE Datasheet HTML 5Page - Maxim Integrated Products MAX381ESE Datasheet HTML 6Page - Maxim Integrated Products MAX381ESE Datasheet HTML 7Page - Maxim Integrated Products MAX381ESE Datasheet HTML 8Page - Maxim Integrated Products MAX381ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Precision, Low-Voltage Analog Switches
2
_______________________________________________________________________________________
Voltage Referenced to GND
V+ .......................................................................-0.3V to +17V
V- ........................................................................+0.3V to -17V
V+ to V-...............................................................-0.3V to +17V
COM_, NO_, NC_, IN_ ................(V- - 2V) to (V+ + 2V) or 30mA,
whichever occurs first
Continuous Current, any pin ...............................................30mA
Peak Current, any pin
(pulsed at 1ms, 10% duty cycle max) ..........................100mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above+70°C) ...........842mW
Narrow SO (derate 8.70mW/°C above +70°C) ............696mW
CERDIP (derate 10.00mW/°C above +70°C) ...............800mW
Operating Temperature Ranges
MAX38_C_ E .......................................................0°C to +70°C
MAX38_E_ E ....................................................-40°C to +85°C
MAX38_MJE ..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +5V ±10%, V- = -5V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1:
Signals on NC, NO, COM, or IN exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to
maximum current rating.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
On-Resistance
RON
C, E, M
20
35
0.5
2
On-Resistance Match Between
Channels (Note 4)
∆RON
Analog Signal Range
VCOM,
VNO,
VNC
V-
V+
V
On-Resistance Flatness
(Note 4)
RFLAT(ON)
4
-0.2
-0.01
0.2
NC or NO Off Leakage Current
(Note 5)
INC(OFF)
or
INO(OFF)
nA
-2.5
2.5
VNC or VNO = 3V, 0V,
-3V; ICOM = -10mA,
V+ = 5V; V- = -5V
V+ = 4.5V, V- = -4.5V,
VNC or VNO = ±3.5V,
ICOM = -10mA,
VINH = 2.4V,
VINL = 0.8V
VNC or VNO = ±3V,
ICOM = -10mA,
V+ = 5V, V- = -5V
VCOM = ±4.5V,
VNC or VNO = +4.5V,
V+ = 5.5V,V- = -5.5V
(Note 3)
TA =
+25°C
TA =
+25°C
TA =
+25°C
TA = TMIN
to TMAX
TA =
+25°C
TA = TMIN
to TMAX
C, E
TA = TMIN
to TMAX
TA = TMIN
to TMAX
M
4
6
-5.0
5.0
C, E
M
20
30
CONDITIONS
TEMP.
RANGE
C, E, M
C, E, M
C, E, M
C, E, M
C, E
-0.1
-0.01
0.1
M
-0.2
-0.01
0.2
COM Off Leakage Current
(Note 5)
ICOM(OFF)
nA
-2.5
2.5
VCOM = ±4.5V,
VNC or VNO = +4.5V,
V+ = 5.5V, V- = -5.5V
TA =
+25°C
TA = TMIN
to TMAX
C, E
M
-5.0
5.0
C, E
-0.1
-0.01
0.1
M
-0.4
-0.04
0.4
COM On Leakage Current
(Note 5)
ICOM(ON)
nA
-5.0
5.0
VCOM = ±4.5V,
VNC or VNO = ±4.5V,
V+ = 5.5V, V- = -5.5V
TA =
+25°C
TA = TMIN
to TMAX
C, E
M
-20.0
20.0
C, E
-0.2
-0.04
0.2
M
SWITCH
45


Similar Part No. - MAX381ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3814 MAXIM-MAX3814 Datasheet
571Kb / 15P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 0; 5/07
MAX3814CHJ++ MAXIM-MAX3814CHJ+ Datasheet
571Kb / 15P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 0; 5/07
MAX3814CHJ++ MAXIM-MAX3814CHJ+ Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
MAX3814_0709 MAXIM-MAX3814_0709 Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
More results

Similar Description - MAX381ESE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417L VISHAY-DG417L_11 Datasheet
306Kb / 15P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. F, 25-Apr-11
DG417L VISHAY-DG417L_08 Datasheet
142Kb / 11P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. E, 14-May-07
DG417L VISHAY-DG417L_V01 Datasheet
265Kb / 14P
   Precision Monolithic Low-Voltage CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. C, 26-Aug-02
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 30-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com