Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX381ESE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX381ESE
Description  Precision, Low-Voltage Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX381ESE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX381ESE Datasheet HTML 1Page - Maxim Integrated Products MAX381ESE Datasheet HTML 2Page - Maxim Integrated Products MAX381ESE Datasheet HTML 3Page - Maxim Integrated Products MAX381ESE Datasheet HTML 4Page - Maxim Integrated Products MAX381ESE Datasheet HTML 5Page - Maxim Integrated Products MAX381ESE Datasheet HTML 6Page - Maxim Integrated Products MAX381ESE Datasheet HTML 7Page - Maxim Integrated Products MAX381ESE Datasheet HTML 8Page - Maxim Integrated Products MAX381ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Precision, Low-Voltage Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +5V ±10%, V- = -5V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Input Current with Input
Voltage High
IINH
-1.0
0.005
1.0
µA
CONDITIONS
VIN = 2.4V, all others = 0.8V
Input Current with Input
Voltage Low
IINL
-1.0
0.005
1.0
µA
VIN = 0.8V, all others = 2.4V
Turn-On Time
tON
100
175
ns
Charge Injection
(Note 3)
VCTE
25
pC
CL = 1.0nF, VGEN = 0V,
RGEN = 0Ω, Figure 4
TA = +25°C
TA = TMIN to TMAX
225
VCOM = 3V, Figure 2
TA = +25°C
TA = TMIN to TMAX
150
VCOM = 3V, Figure 2
Turn-Off Time
tOFF
60
100
ns
Power-Supply Range
MAX383 only, Figure 3
Break-Before-Make
Time Delay (Note 3)
tD
10
20
ns
TA = +25°C
TA = +25°C
RL = 100Ω, CL = 5pF,
f = 1MHz, Figure 5
Off Isolation (Note 6)
VISO
72
dB
TA = +25°C
RL = 50Ω, CL = 5pF,
f = 1MHz, Figure 6
Crosstalk (Note 7)
VCT
90
dB
TA = +25°C
f = 1MHz, Figure 7
Off Capacitance
COFF
12
pF
TA = +25°C
f = 1MHz, Figure 7
COM Off Capacitance
CCOM(OFF)
12
pF
TA = +25°C
f = 1MHz, Figure 8
Channel On Capacitance CCOM(ON)
pF
±3
±8
V
Positive Supply Current
39
I+
All channels on or off,
V+ = 5.5V, V- = -5.5V, VIN = 0V or V+
-1.0
0.06
1.0
µA
Negative Supply
Current
I-
All channels on or off,
V+ = 5.5V, V- = -5.5V, VIN = 0V or V+
-1.0
-0.01
1.0
µA
Logic High Input Voltage
VAH
2.4
V
Logic Low Input Voltage
VAL
0.8
V
TA = TMIN to TMAX
TA = TMIN to TMAX
Note 2:
The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3:
Guaranteed by design.
Note 4:
∆RON = ∆RON(max) - ∆RON(min). On-resistance match between channels and flatness are guaranteed only with
specified voltages. Flatness is defined as the difference between the maximum and minimum value of on-resistance as
measured over the specified analog signal range.
Note 5:
Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at room temperature.
Note 6:
See Figure 4. Off isolation = 20log10 VCOM/VNC or VNO, VCOM = output, VNC or NO = input to off switch.
Note 7:
Between any two switches. See Figure 5.
Note 8:
Leakage testing at single supply is guaranteed by testing with dual supplies.
TA = +25°C
DIGITAL LOGIC INPUT
SUPPLY
DYNAMIC


Similar Part No. - MAX381ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3814 MAXIM-MAX3814 Datasheet
571Kb / 15P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 0; 5/07
MAX3814CHJ++ MAXIM-MAX3814CHJ+ Datasheet
571Kb / 15P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 0; 5/07
MAX3814CHJ++ MAXIM-MAX3814CHJ+ Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
MAX3814_0709 MAXIM-MAX3814_0709 Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
More results

Similar Description - MAX381ESE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417L VISHAY-DG417L_11 Datasheet
306Kb / 15P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. F, 25-Apr-11
DG417L VISHAY-DG417L_08 Datasheet
142Kb / 11P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. E, 14-May-07
DG417L VISHAY-DG417L_V01 Datasheet
265Kb / 14P
   Precision Monolithic Low-Voltage CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. C, 26-Aug-02
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 30-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com