Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3832UCB Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3832UCB
Description  3.3V, 2.5Gbps, SDH/SONET, 4-Channel Interconnect Mux/Demux ICs with Clock Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3832UCB Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3832UCB Datasheet HTML 6Page - Maxim Integrated Products MAX3832UCB Datasheet HTML 7Page - Maxim Integrated Products MAX3832UCB Datasheet HTML 8Page - Maxim Integrated Products MAX3832UCB Datasheet HTML 9Page - Maxim Integrated Products MAX3832UCB Datasheet HTML 10Page - Maxim Integrated Products MAX3832UCB Datasheet HTML 11Page - Maxim Integrated Products MAX3832UCB Datasheet HTML 12Page - Maxim Integrated Products MAX3832UCB Datasheet HTML 13Page - Maxim Integrated Products MAX3832UCB Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
+3.3V, 2.5Gbps, SDH/SONET, 4-Channel
Interconnect Mux/Demux ICs with Clock Generator
10
______________________________________________________________________________________
clock cycle between each channel. In this test mode, ser-
ial data is internally looped back to the demux. All frame
detect logic is exercised using this mode. The CML
inputs (SDI± and SCLKI±) and LVDS inputs (PDI_±) are
ignored in this mode. After the BIST mode is enabled, the
loss-of-frame flag LOF goes high, indicating that the self-
test has passed. In normal operation, TEST is left open
(internally pulled high), disabling the pattern generator
and accepting data from the parallel input channels.
Test Loopbacks
Two additional test loopbacks are provided: parallel
system loopback and serial line loopback.
Parallel System Loopback
In parallel system loopback, four 622Mbps parallel
input channels are phase aligned by an associated 10-
bit elastic store and routed to the output LVDS buffers.
This loopback is controlled by setting PLBEN low.
Normal data transmission is resumed when PLBEN
goes high (internally pulled high).
Serial Line Loopback
Serial line loopback is used for testing the performance
of the optical transceiver and the transmission link. The
received 2.488Gbps data stream is routed to the trans-
mit CML output buffer. Line loopback is enabled when
LBEN is asserted low. When LBEN is left open (internally
pulled high), normal serial-data transmission resumes.
LVDS Parallel Interface
The MAX3831 parallel interface includes four OC-12
data inputs, a 155MHz reference clock input, four
622Mbps parallel-data outputs, and a 622MHz parallel-
clock output (MAX3832, fPCLKO = 155MHz). All parallel
inputs and outputs are LVDS compatible to minimize
power dissipation, speed transition time, and improve
noise immunity. The 155MHz input signal at RCLKI
requires a duty cycle between 40% and 60%.
The LVDS outputs go into a high-impedance state when
TRIEN is forced low. This simplifies system checks by
allowing vectors to be forced on the LVDS outputs.
CML Serial Interface
The MAX3831/MAX3832 provide a 2.488Gbps serial-
data stream to a driver and accept 2.488Gbps serial
data and a 2.488GHz clock signal from an external
clock and data recovery device (MAX3876). The high-
speed interface is CML compatible, resulting in lower
system power dissipation and excellent performance
(Figure 7).
__________Applications Information
Low-Voltage Differential
Signal Inputs/Outputs
The MAX3831/MAX3832 have LVDS inputs and outputs
for interfacing with high-speed digital circuitry. All LVDS
inputs and outputs are compatible with the IEEE-1596.3
LVDS specification. This technology uses 250mV to
400mV differential low-voltage amplitudes to achieve
fast transition times, minimize power dissipation, and
improve noise immunity.
For proper operation, the parallel clock and data LVDS
outputs (PCLKO+, PCLKO-, PDO_+, PDO_-) require
100
Ω differential DC termination between the inverting
and noninverting outputs. Do not terminate these out-
puts to ground. The parallel-data LVDS inputs (PDI_+,
PDI_-) are internally terminated with 100
Ω differential
input resistance and therefore do not require external
termination.
Interfacing with PECL/ECL
Input Levels
When interfacing with differential PECL input levels, it is
important to attenuate the signal while still maintaining
50
Ω termination (Figures 8 and 9). Observe the com-
mon-mode input voltage specifications. AC-coupling is
required if a VCC other than 3.3V is used to maintain the
input common-mode level (Figure 8).
MAX3831
MAX3832
MAX3876
50
50
50
50
VCC
VCC
SDI+
SDI-
SDO+
SDO-
Figure 7. CML-to-CML Interface


Similar Part No. - MAX3832UCB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX383 MAXIM-MAX383 Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX383C/D MAXIM-MAX383C/D Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX383CPE MAXIM-MAX383CPE Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX383CSE MAXIM-MAX383CSE Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX383EJE MAXIM-MAX383EJE Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
More results

Similar Description - MAX3832UCB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3892 MAXIM-MAX3892 Datasheet
179Kb / 11P
   3.3V, 2.5Gbps/2.7Gbps, SDH/SONET 4:1 Serializer with Clock Synthesis
Rev 6; 10/07
logo
Vitesse Semiconductor C...
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
   OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
   2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
   OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
   2.488GHz SONET/SDH Clock Generator
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
   ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
logo
Maxim Integrated Produc...
MAX3890 MAXIM-MAX3890 Datasheet
155Kb / 12P
   3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs
Rev 0; 6/99
MAX3891 MAXIM-MAX3891 Datasheet
521Kb / 12P
   16:1 Serializer, 3.3V, 2.5Gbps, SDH/SONET with Clock Synthesis and LVPECL Inputs
Rev 0; 2/01
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
   ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com