Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC573A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC573A
Description  Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC573A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC573A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVC573A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVC573A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC573A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC573A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC573A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC573A_15 Datasheet HTML 9Page - NXP Semiconductors 74LVC573A_15 Datasheet HTML 10Page - NXP Semiconductors 74LVC573A_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
74LVC573A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 19 February 2013
7 of 20
NXP Semiconductors
74LVC573A
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 C.
10. Dynamic characteristics
IOZ
OFF-state
output
current
VI =VIH or VIL; VCC = 3.6 V;
VO =5.5 V orGND;
-0.1
5-
20
A
IOFF
power-off
leakage
current
VCC = 0 V; VI or VO = 5.5 V
-
0.1
10
-
20
A
ICC
supply
current
VCC = 3.6 V; VI =VCC or GND;
IO =0A
-0.1
10
-
40
A
I
CC
additional
supply
current
per input pin; VCC = 2.7 V to 3.6
V; VI =VCC  0.6 V; IO =0 A
-
5
500
-
5000
A
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI =GND to VCC
-5.0
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 11.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
Dn to Qn; see Figure 7
[2]
VCC = 1.2 V
-
16.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.1
7.8
16.3
2.1
18.8
ns
VCC = 2.3 V to 2.7 V
1.5
4.1
8.0
1.5
9.2
ns
VCC = 2.7 V
1.5
4.1
7.2
1.5
9.0
ns
VCC = 3.0 V to 3.6 V
1.5
3.4
6.2
1.5
8.0
ns
LE to Qn; see Figure 8
[2]
VCC = 1.2 V
-
16.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.0
7.7
16.0
2.0
18.4
ns
VCC = 2.3 V to 2.7 V
1.5
4.1
7.8
1.5
9.1
ns
VCC = 2.7 V
1.5
3.7
7.5
1.5
9.5
ns
VCC = 3.0 V to 3.6 V
1.5
3.4
6.5
1.5
8.5
ns
ten
enable time
OE to Qn; see Figure 9
[2]
VCC = 1.2 V
-
18.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.7
7.5
17.5
1.7
20.2
ns
VCC = 2.3 V to 2.7 V
1.5
4.2
9.2
1.5
10.6
ns
VCC = 2.7 V
1.5
4.2
8.5
1.5
11.0
ns
VCC = 3.0 V to 3.6 V
1.5
3.4
7.5
1.5
9.5
ns


Similar Part No. - 74LVC573A_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC573ABQ NEXPERIA-74LVC573ABQ Datasheet
274Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
74LVC573ABQ-Q100 NEXPERIA-74LVC573ABQ-Q100 Datasheet
261Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
logo
NXP Semiconductors
74LVC573AD PHILIPS-74LVC573AD Datasheet
102Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74LVC573AD NEXPERIA-74LVC573AD Datasheet
274Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
More results

Similar Description - 74LVC573A_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC373A NEXPERIA-74LVC373A Datasheet
274Kb / 15P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A_15 Datasheet
150Kb / 19P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 3-22 November 2012
logo
Nexperia B.V. All right...
74LVC573A NEXPERIA-74LVC573A Datasheet
274Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A Datasheet
103Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC573A PHILIPS-74LVC573A Datasheet
102Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC2373A PHILIPS-74LVC2373A Datasheet
117Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs; damping resistor 3-State
1997 Mar 12
74LVCH32373A PHILIPS-74LVCH32373A Datasheet
80Kb / 16P
   32-bit transparent D-type latch with 5 V tolerant inputs/outputs; 3-state
1999 Nov 24
logo
Nexperia B.V. All right...
74LVC16373A-Q100 NEXPERIA-74LVC16373A-Q100 Datasheet
252Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
logo
NXP Semiconductors
74LVCH16373A PHILIPS-74LVCH16373A Datasheet
114Kb / 17P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
2003 Dec 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com