Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX379EWG Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX379EWG
Description  High-Voltage, Fault-Protected Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX379EWG Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX379EWG Datasheet HTML 4Page - Maxim Integrated Products MAX379EWG Datasheet HTML 5Page - Maxim Integrated Products MAX379EWG Datasheet HTML 6Page - Maxim Integrated Products MAX379EWG Datasheet HTML 7Page - Maxim Integrated Products MAX379EWG Datasheet HTML 8Page - Maxim Integrated Products MAX379EWG Datasheet HTML 9Page - Maxim Integrated Products MAX379EWG Datasheet HTML 10Page - Maxim Integrated Products MAX379EWG Datasheet HTML 11Page - Maxim Integrated Products MAX379EWG Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
High-Voltage, Fault-Protected
Analog Multiplexers
______________________________________________________________________________________
11
_Ordering Information (continued)
* Contact factory for availability.
**The substrate may be allowed to float or be tied to V+ (JI CMOS).
_________________Chip Topographies
GND
V+
IN5
IN6
IN7
IN7
IN8 OUT
MAX378
IN4
A0
0.229"
(5.816mm)
0.151"
(3.835mm)
A2
A1
EN
V-
NOTE: Connect substrate to V+ or leave it floating.
NOTE: Connect substrate to V+ or leave it floating.
IN1
IN2
IN3
GND
V+
IN1B
IN2B
IN3B
IN4B
OUTB OUTA
MAX379
IN4A
A0
0.229"
(5.816mm)
0.151"
(3.835mm)
A1
EN
V-
IN1A
IN2A
IN3A
PART
MAX379CPE
MAX379CWG
MAX379CJE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
24 Wide SO
16 CERDIP
MAX379EPE
MAX379EWG
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
24 Wide SO
MAX379EJE
MAX379MJE
-55°C to +125°C
-40°C to +85°C
16 CERDIP
16 CERDIP
MAX379MLP
-55°C to +125°C
20 LCC*
MAX379C/D
0°C to +70°C
Dice**


Similar Part No. - MAX379EWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3793 MAXIM-MAX3793 Datasheet
693Kb / 11P
   1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
MAX3793E/D MAXIM-MAX3793E/D Datasheet
693Kb / 11P
   1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
MAX3795 MAXIM-MAX3795 Datasheet
785Kb / 15P
   1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
MAX3795 MAXIM-MAX3795 Datasheet
343Kb / 6P
   Allows Optical and Electrical Evaluation
Rev 0, 11/04
MAX3795ETG MAXIM-MAX3795ETG Datasheet
785Kb / 15P
   1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
More results

Similar Description - MAX379EWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
   Fault-Protected Analog Multiplexers
Rev. 2; 9/96
logo
Analog Devices
ADG508F AD-ADG508F Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG439F AD-ADG439F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
logo
Analog Devices
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com