Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24133 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ24133
Description  bq24133 1.6-MHz Synchronous Switched-Mode Li-Ion and Li-Polymer Stand-Alone BatteryCharger With Integrated MOSFETs and Power Path Selector
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24133 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24133_15 Datasheet HTML 7Page - Texas Instruments BQ24133_15 Datasheet HTML 8Page - Texas Instruments BQ24133_15 Datasheet HTML 9Page - Texas Instruments BQ24133_15 Datasheet HTML 10Page - Texas Instruments BQ24133_15 Datasheet HTML 11Page - Texas Instruments BQ24133_15 Datasheet HTML 12Page - Texas Instruments BQ24133_15 Datasheet HTML 13Page - Texas Instruments BQ24133_15 Datasheet HTML 14Page - Texas Instruments BQ24133_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
bq24133
www.ti.com
SLUSAF7C – DECEMBER 2010 – REVISED APRIL 2015
Electrical Characteristics (continued)
4.5 V
≤ V(PVCC, AVCC) ≤ 17 V, –40°C < TJ + 125°C, typical values are at TA = 25°C, with respect to AGND (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL PWM
fsw
PWM Switching Frequency
1360
1600
1840
kHz
Dead time when switching between LSFET
tSW_DEAD
Driver Dead Time(1)
30
ns
and HSFET no load
RDS_HI
High-Side MOSFET ON-Resistance
VBTST – VSW = 4.5 V
80
150
m
Ω
RDS_LO
Low-Side MOSFET ON-Resistance
95
160
m
Ω
VBTST – VSW when low-side refresh pulse is
3
requested, VAVCC = 4.5 V
Bootstrap Refresh Comparator Threshold
VBTST_REFRESH
V
Voltage
VBTST – VSW when low-side refresh pulse is
4
requested, VAVCC > 6 V
INTERNAL SOFT START (8 steps to regulation current ICHG)
SS_STEP
Soft start steps
8
step
TSS_STEP
Soft start step time
1.6
3
ms
CHARGER SECTION POWER-UP SEQUENCING
Delay from ISET above 120 mV to start
tCE_DELAY
1.5
s
charging battery
INTEGRATED BTST DIODE
VF
Forward Bias Voltage
IF=120 mA at 25°C
0.85
V
VR
Reverse breakdown voltage
IR=2 µA at 25°C
20
V
LOGIC IO PIN CHARACTERISTICS
VOUT_LO
STAT Output Low Saturation Voltage
Sink Current = 5 mA
0.5
V
VCELL_LO
CELL pin input low threshold, 1 cell
CELL pin voltage falling edge
0.5
V
CELL pin voltage rising for MIN, falling for
VCELL_MID
CELL pin input mid threshold, 2 cells
0.8
1.8
V
MAX
VCELL_HI
CELL pin input high threshold, 3 cells
CELL pin voltage rising edge
2.5
V
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq24133


Similar Part No. - BQ24133_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24133RGYR TI1-bq24133RGYR Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger with Integrated MOSFETs and Power Path Selector
bq24133RGYT TI1-bq24133RGYT Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger with Integrated MOSFETs and Power Path Selector
More results

Similar Description - BQ24133_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24133 TI1-BQ24133 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger with Integrated MOSFETs and Power Path Selector
BQ24171 TI-BQ24171_15 Datasheet
2Mb / 39P
[Old version datasheet]   bq24171 JEITA-Compliant Stand-Alone, Switched-Mode Li-Ion and Li-Polymer Battery Charger With Integrated MOSFETs and Power Path Selector
BQ24171 TI1-BQ24171 Datasheet
2Mb / 35P
[Old version datasheet]   JEITA Compliant Stand-Alone Switch-Mode Li-Ion and Li-Polymer Battery Charger with Integrated MOSFETs and Power Path Selector
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24100 TI1-BQ24100_17 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24100 TI1-BQ24100 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com