Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24140 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ24140
Description  Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24140 Datasheet(HTML) 1 Page - Texas Instruments

  BQ24140_15 Datasheet HTML 1Page - Texas Instruments BQ24140_15 Datasheet HTML 2Page - Texas Instruments BQ24140_15 Datasheet HTML 3Page - Texas Instruments BQ24140_15 Datasheet HTML 4Page - Texas Instruments BQ24140_15 Datasheet HTML 5Page - Texas Instruments BQ24140_15 Datasheet HTML 6Page - Texas Instruments BQ24140_15 Datasheet HTML 7Page - Texas Instruments BQ24140_15 Datasheet HTML 8Page - Texas Instruments BQ24140_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
VIN
VBUS
LED
VREG
CSIN
VREF
VBAT
OTG
SLRST
DIS
SW1
SW2
PMID1
PMID2
GND
SCL
STAT
SDA
HOST
BOOT1
BOOT2
100 nF
+
PACK-
PACK+
AC Adapter or
Wireless Power
USB Adapter
4.7 F
m
4.7 F
m
1 F
m
4.7 F
m
10 kW 10 kW
10 kW
10 kW
10 kW 10 kW
1 H
m
0.1 F
m
1 F
m
100 nF
1 H
m
68 mW
10 µF
47 µF
bq24140
www.ti.com
SLUSAO5
– OCTOBER 2011
Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB
Compliance and USB-OTG Support
Check for Samples: bq24140
1
FEATURES
Programmable Charge Parameters Through
I2C Interface (up to 3.4 Mbps):
High-Efficiency Mini-USB/AC Battery Charger
– Input Current
for Single-Cell Li-Ion and Li-Polymer Battery
Packs
– Fast-Charge/Termination Current
Charge Battery and Provide USB-OTG Support
– Charge Voltage (3.5-4.44V)
at the Same Time
– Safety Timer with Reset Control
High-Accuracy Voltage and Current Regulation
– Safety Timer with Reset Control
– Input Current Regulation Accuracy: ±5%
– Termination Enable
(100mA, 500mA)
Synchronous Fixed-Frequency PWM
– Charge Voltage Regulation Accuracy:
Controller Operating at 3 MHz With 0% to
±0.5% (25°C), ±1% (0-125°C)
99.5% Duty Cycle
– Charge Current Regulation Accuracy: ±5%
Automatic High Impedance Mode for Low
Boost Mode Operation for USB OTG:
Power Consumption
– Input Voltage Range (from Battery): 2.3V to
Robust Protection
4.5V
– Reverse Leakage Protection Prevents
– Output for VBUS: 5.05V/500 mA
Battery Drainage
Input Voltage Based Dynamic Power
– Thermal Regulation and Protection
Management Provides Protection Against
– Input/Output Over Voltage Protection
Current Limited Adapters
Status Output for Charging and Faults
Bad Adaptor Detection and Rejection
USB Friendly Boot-Up Sequence
Safety Limit Register for Added Security by
2.35
× 2.65 mm 30-pin WCSP Package
Limiting Maximum Charge Voltage and
Maximum Charge Current
APPLICATIONS
20-V Absolute Maximum Input Voltage Rating
Mobile Phones and Smart Phones
9.0-V Maximum Operating Input Voltage
MP3 Players
Charge Faster than Linear Chargers
Handheld Devices
Built-in Input Current Sensing and Limiting
Integrated Power FETs for up to 1.5-A Charge
Rate
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24140_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24140 TI1-BQ24140_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
More results

Similar Description - BQ24140_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24140 TI1-BQ24140 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_17 Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com