Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3875 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3875
Description  2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3875 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3875 Datasheet HTML 1Page - Maxim Integrated Products MAX3875 Datasheet HTML 2Page - Maxim Integrated Products MAX3875 Datasheet HTML 3Page - Maxim Integrated Products MAX3875 Datasheet HTML 4Page - Maxim Integrated Products MAX3875 Datasheet HTML 5Page - Maxim Integrated Products MAX3875 Datasheet HTML 6Page - Maxim Integrated Products MAX3875 Datasheet HTML 7Page - Maxim Integrated Products MAX3875 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2.5Gbps, Low-Power, +3.3V
Clock Recovery and Data Retiming IC
4
_______________________________________________________________________________________
10-10
10-7
10-8
10-5
10-6
10-4
10-3
6.0
6.3
6.4
6.1
6.2
6.5
6.6
BIT ERROR RATE vs. INPUT VOLTAGE
INPUT VOLTAGE (mVp-p)
PRBS = 223 - 1
10-9
105
120
125
115
110
135
130
140
145
-50
25
50
-25
0
75
100
SUPPLY CURRENT
vs. TEMPERATURE
AMBIENT TEMPERATURE (°C)
VCC = +3.3V
VCC = +5.0V
NAME
FUNCTION
1, 2, 8, 9,
10, 16, 26,
29, 32
GND
Supply Ground
3, 6, 11,
14, 15, 17,
20, 21, 24
VCC
Positive Supply Voltage
PIN
4
SDI+
Positive Data Input. 2.488Gbps serial data stream.
5
SDI-
Negative Data Input. 2.488Gbps serial data stream.
13
SLBI-
Negative System Loopback Input. 2.488Gbps serial data stream.
12
SLBI+
Positive System Loopback Input. 2.488Gbps serial data stream.
7
SIS
Signal Input Selection, TTL. Low for normal data input. High for system loopback input.
Pin Description
0.8
0
0.1
0.2
1
100
1000
JITTER TOLERANCE vs. INPUT VOLTAGE
0.3
0.4
0.5
0.6
0.7
INPUT VOLTAGE (mVp-p)
10
JITTER FREQUENCY
= 1MHz
JITTER FREQUENCY
= 5MHz
PRBS = 223 - 1
0.3
-3.0
-2.7
1k
100k
1M
10k
10M
JITTER TRANSFER
-2.4
-2.1
JITTER FREQUENCY (Hz)
-1.8
-1.5
-1.2
-0.9
-0.6
-0.3
0
PRBS = 223 - 1
BELLCORE
MASK
0
20
15
10
5
25
30
0.20
0.48
0.34
0.62
DISTRIBUTION OF JITTER TOLERANCE
JITTER TOLERANCE (UIp-p)
MEAN = 0.41
σ = 0.028
fJITTER = 10MHz
VCC = +3.0V
TA = -40°C
Typical Operating Characteristics (continued)
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
18
SCLKO-
Negative Serial Clock Output, PECL, 2.488GHz. SDO- is clocked out on the falling edge of SCLKO-.


Similar Part No. - MAX3875

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3875A MAXIM-MAX3875A Datasheet
421Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 1; 3/02
MAX3875AE/D MAXIM-MAX3875AE/D Datasheet
421Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 1; 3/02
MAX3875AEHJ MAXIM-MAX3875AEHJ Datasheet
421Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 1; 3/02
More results

Similar Description - MAX3875

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3876 MAXIM-MAX3876_V01 Datasheet
938Kb / 10P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
19-1631; Rev 0a; 8/01
MAX3876 MAXIM-MAX3876 Datasheet
744Kb / 12P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 1/00
MAX3875A MAXIM-MAX3875A Datasheet
421Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 1; 3/02
MAX3873 MAXIM-MAX3873 Datasheet
812Kb / 12P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Rev 2; 5/03
MAX3873A MAXIM-MAX3873A_V01 Datasheet
230Kb / 10P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
MAX3873A MAXIM-MAX3873A Datasheet
793Kb / 12P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Rev 1; 5/03
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
   622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
MAX3877 MAXIM-MAX3877 Datasheet
550Kb / 16P
   2.5Gbps, 3.3V Clock and Data Retiming ICs with Vertical Threshold Adjust
19-2062; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com