Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC4245A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC4245A
Description  74LVC4245A_15
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC4245A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC4245A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC4245A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC4245A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC4245A_15 Datasheet HTML 9Page - NXP Semiconductors 74LVC4245A_15 Datasheet HTML 10Page - NXP Semiconductors 74LVC4245A_15 Datasheet HTML 11Page - NXP Semiconductors 74LVC4245A_15 Datasheet HTML 12Page - NXP Semiconductors 74LVC4245A_15 Datasheet HTML 13Page - NXP Semiconductors 74LVC4245A_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
74LVC4245A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 18 December 2012
10 of 18
NXP Semiconductors
74LVC4245A
Octal dual supply translating transceiver; 3-state
[1]
VCCI is the supply voltage associated with the data input port.
[2]
VCCO is the supply voltage associated with the output port.
Test data is given in Table 8. Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
Fig 8.
Load circuitry for switching times
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 8.
Test data
Supply voltage
Input
Load
VEXT
VCC(A)
VCC(B)
VI [1]
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ [2]
< 2.7 V
< 2.7 V
VCCI
50 pF
500
open
GND
2
 V
CCO
-
2.7 V to 3.6 V
2.7 V
50 pF
500
open
GND
2
 V
CCO
4.5 V to 5.5 V
-
3.0 V
50 pF
500
open
GND
2
 V
CCO


Similar Part No. - 74LVC4245A_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC4245A-Q100 NEXPERIA-74LVC4245A-Q100 Datasheet
830Kb / 17P
   Octal dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC4245ABQ NXP-74LVC4245ABQ Datasheet
112Kb / 17P
   Octal dual supply translating transceiver; 3-state
Rev. 06-18 January 2008
logo
Nexperia B.V. All right...
74LVC4245ABQ NEXPERIA-74LVC4245ABQ Datasheet
280Kb / 15P
   Octal dual supply translating transceiver; 3-state
Rev. 13 - 27 August 2021
74LVC4245ABQ-Q100 NEXPERIA-74LVC4245ABQ-Q100 Datasheet
830Kb / 17P
   Octal dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC4245AD PHILIPS-74LVC4245AD Datasheet
90Kb / 16P
   Octal dual supply translating transceiver; 3-state
1999 Jun 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com