Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX383ESE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX383ESE
Description  Precision, Low-Voltage Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX383ESE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX383ESE Datasheet HTML 4Page - Maxim Integrated Products MAX383ESE Datasheet HTML 5Page - Maxim Integrated Products MAX383ESE Datasheet HTML 6Page - Maxim Integrated Products MAX383ESE Datasheet HTML 7Page - Maxim Integrated Products MAX383ESE Datasheet HTML 8Page - Maxim Integrated Products MAX383ESE Datasheet HTML 9Page - Maxim Integrated Products MAX383ESE Datasheet HTML 10Page - Maxim Integrated Products MAX383ESE Datasheet HTML 11Page - Maxim Integrated Products MAX383ESE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Precision, Low-Voltage Analog Switches
10
______________________________________________________________________________________
IN
0V or 2.4V
SIGNAL
GENERATOR
+5V
C
V+
ANALYZER
CH A
CH B
NC or NO
RL
GND
VCOM
C
-5V
FREQUENCY
TESTED
1MHz
SIGNAL
GENERATOR
AUTOMATIC
SYNTHESIZER
ANALYZER
TRACKING
SPECTRUM
ANALYZER
OFF ISOLATION = 20log
VCOM
VNC or NO
V-
MAX381
MAX383
MAX385
Figure 5. Off Isolation
IN2
0V or 2.4V
SIGNAL
GENERATOR
+5V
C
ANALYZER
CH A
CH B
RL
GND
C
V-
-5V
FREQUENCY
TESTED
1MHz
SIGNAL
GENERATOR
AUTOMATIC
SYNTHESIZER
ANALYZER
TRACKING
SPECTRUM
ANALYZER
0V or 2.4V
IN
50
V+
COM
COM
NC or NO
NC OR NO
MAX381
MAX383
MAX385
Figure 6. Crosstalk Test Circuit
_________________________________Test Circuits/Timing Diagrams (continued)
V-
CAPACITANCE
METER
GND
C
-5V
IN
0V or 2.4V
C
+5V
V+
COM
MAX381
MAX383
MAX385
Figure 8. Channel-On Capacitance
V-
CAPACITANCE
METER
GND
C
-5V
IN
0V or 2.4V
C
+5V
V+
NC
or NO
COM
MAX381
MAX383
MAX385
Figure 7. Channel-Off Capacitance


Similar Part No. - MAX383ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3831 MAXIM-MAX3831 Datasheet
285Kb / 16P
   3.3V, 2.5Gbps, SDH/SONET, 4-Channel Interconnect Mux/Demux ICs with Clock Generator
19-1534; Rev 1; 10/99
MAX3831UCB MAXIM-MAX3831UCB Datasheet
285Kb / 16P
   3.3V, 2.5Gbps, SDH/SONET, 4-Channel Interconnect Mux/Demux ICs with Clock Generator
19-1534; Rev 1; 10/99
MAX3832UCB MAXIM-MAX3832UCB Datasheet
285Kb / 16P
   3.3V, 2.5Gbps, SDH/SONET, 4-Channel Interconnect Mux/Demux ICs with Clock Generator
19-1534; Rev 1; 10/99
More results

Similar Description - MAX383ESE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417L VISHAY-DG417L_11 Datasheet
306Kb / 15P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. F, 25-Apr-11
DG417L VISHAY-DG417L_08 Datasheet
142Kb / 11P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. E, 14-May-07
DG417L VISHAY-DG417L_V01 Datasheet
265Kb / 14P
   Precision Monolithic Low-Voltage CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. C, 26-Aug-02
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 30-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com