Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6646PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6646PBF
Description  Application Specific MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6646PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF6646PBF_15 Datasheet HTML 1Page - International Rectifier IRF6646PBF_15 Datasheet HTML 2Page - International Rectifier IRF6646PBF_15 Datasheet HTML 3Page - International Rectifier IRF6646PBF_15 Datasheet HTML 4Page - International Rectifier IRF6646PBF_15 Datasheet HTML 5Page - International Rectifier IRF6646PBF_15 Datasheet HTML 6Page - International Rectifier IRF6646PBF_15 Datasheet HTML 7Page - International Rectifier IRF6646PBF_15 Datasheet HTML 8Page - International Rectifier IRF6646PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF6646PbF
2
www.irf.com
Notes:
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
ˆ Thermally limited and used Rθja to calculate.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
80
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.10
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
7.6
9.5
m
VGS(th)
Gate Threshold Voltage
3.0
–––
4.9
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-11
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
17
–––
–––
S
Qg
Total Gate Charge
–––
36
50
Qgs1
Pre-Vth Gate-to-Source Charge
–––
7.6
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
2.0
–––
nC
Qgd
Gate-to-Drain Charge
–––
12
Qgodr
Gate Charge Overdrive
–––
14
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
14
–––
Qoss
Output Charge
–––
18
–––
nC
RG
Gate Resistance
–––
1.0
–––
td(on)
Turn-On Delay Time
–––
17
–––
tr
Rise Time
–––
20
–––
td(off)
Turn-Off Delay Time
–––
31
–––
ns
tf
Fall Time
–––
12
–––
Ciss
Input Capacitance
–––
2060
–––
Coss
Output Capacitance
–––
480
–––
pF
Crss
Reverse Transfer Capacitance
–––
120
–––
Coss
Output Capacitance
–––
2180
–––
Coss
Output Capacitance
–––
310
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
2.5
j
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
96
(Body Diode)
g
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
36
54
ns
Qrr
Reverse Recovery Charge
–––
48
72
nC
ID = 7.2A
VDS = 64V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 10V
VDS = 10V, ID = 7.2A
VDS = 40V
TJ = 25°C, IF = 7.2A, VDD = 40V
di/dt = 100A/µs
i See Fig. 18
TJ = 25°C, IS = 7.2A, VGS = 0V
i
showing the
integral reverse
p-n junction diode.
VDS = VGS, ID = 150µA
VDS = 80V, VGS = 0V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 12A
i
VDS = 16V, VGS = 0V
VDD = 40V, VGS = 10V
i
VGS = 0V
ƒ = 1.0MHz
ID = 7.2A
MOSFET symbol
RG=6.2Ω
VDS = 25V
Conditions
See Fig. 16 & 17
VGS = 0V, VDS = 64V, f=1.0MHz
VGS = 0V, VDS = 1.0V, f=1.0MHz


Similar Part No. - IRF6646PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6646PBF IRF-IRF6646PBF Datasheet
655Kb / 10P
   DirectFETPower MOSFET 
IRF6646PBF IRF-IRF6646PBF Datasheet
655Kb / 10P
   Ideal for High Performance Isolated Converter Primary Switch Socket
More results

Similar Description - IRF6646PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
   Application Specific MOSFETs
IRF6623TR1 IRF-IRF6623TR1 Datasheet
225Kb / 9P
   Application Specific MOSFETs
IRF6655PBF IRF-IRF6655PBF_15 Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6604TR1 IRF-IRF6604TR1 Datasheet
635Kb / 13P
   Application Specific MOSFETs
IRF6645PBF IRF-IRF6645PBF_15 Datasheet
239Kb / 9P
   Application Specific MOSFETs
IRF6608TR1 IRF-IRF6608TR1 Datasheet
187Kb / 9P
   Application Specific MOSFETs
logo
Infineon Technologies A...
IRF6648PBF INFINEON-IRF6648PBF Datasheet
560Kb / 10P
   Application Specific MOSFETs
2017-04-06
logo
International Rectifier
IRF6655TR1PBF IRF-IRF6655TR1PBF Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6662PBF IRF-IRF6662PBF_15 Datasheet
253Kb / 10P
   Application Specific MOSFETs
IRF7805PBF IRF-IRF7805PBF_15 Datasheet
230Kb / 5P
   N Channel Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com