Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6648PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF6648PBF
Description  Ideal for 24V input Primary Side Forward Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6648PBF Datasheet(HTML) 4 Page - International Rectifier

  IRF6648PBF_15 Datasheet HTML 1Page - International Rectifier IRF6648PBF_15 Datasheet HTML 2Page - International Rectifier IRF6648PBF_15 Datasheet HTML 3Page - International Rectifier IRF6648PBF_15 Datasheet HTML 4Page - International Rectifier IRF6648PBF_15 Datasheet HTML 5Page - International Rectifier IRF6648PBF_15 Datasheet HTML 6Page - International Rectifier IRF6648PBF_15 Datasheet HTML 7Page - International Rectifier IRF6648PBF_15 Datasheet HTML 8Page - International Rectifier IRF6648PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF6648PbF
4
www.irf.com
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage
Fig 9. Normalized Typical On-Resistance vs.
Drain Current and Gate Voltage
0.1
1
10
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
15V
10V
8.0V
7.0V
BOTTOM
6.0V
≤60µs PULSE WIDTH
Tj = 25°C
6.0V
0.1
1
10
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
6.0V
≤60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
15V
10V
8.0V
7.0V
BOTTOM
6.0V
2
4
6
8
10
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VDS = 10V
≤60µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 86A
VGS = 10V
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
20
40
60
80
100
ID, Drain Current (A)
0
5
10
15
20
25
30
TJ = 25°C
Vgs = 7.0V
Vgs = 8.0V
Vgs = 10V
Vgs = 15V


Similar Part No. - IRF6648PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6648PBF IRF-IRF6648PBF Datasheet
645Kb / 10P
   DirectFETPower MOSFET 
logo
Infineon Technologies A...
IRF6648PBF INFINEON-IRF6648PBF Datasheet
560Kb / 10P
   Application Specific MOSFETs
2017-04-06
More results

Similar Description - IRF6648PBF_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP11205 VISHAY-SIP11205 Datasheet
339Kb / 21P
   Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
Rev. C, 04-Aug-08
SIP11205 VISHAY-SIP11205_V01 Datasheet
341Kb / 21P
   Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
01-Jan-2022
logo
Fairchild Semiconductor
AN-6206 FAIRCHILD-AN-6206 Datasheet
553Kb / 9P
   Primary-Side Synchronous Rectifier (SR) Trigger Solution for Dual-Forward Converter
FAN6210 FAIRCHILD-FAN6210 Datasheet
489Kb / 11P
   Primary-Side Synchronous Rectifier (SR) Trigger Controller for Dual Forward Converter
logo
International Rectifier
IRF7171MTRPBF IRF-IRF7171MTRPBF Datasheet
751Kb / 11P
   Ideal for High Performance Isolated Converter Primary Switch
logo
STMicroelectronics
VIPER53E STMICROELECTRONICS-VIPER53E Datasheet
392Kb / 1P
   STATE OF THE ART PRIMARY SIDE SWITCH FOR AC/DC CONVERTERS
logo
TDK Electronics
PAF600F TDK-PAF600F Datasheet
225Kb / 2P
   24V 48V Input Full brick DC-DC Converters
logo
International Rectifier
IRF6646TR1PBF IRF-IRF6646TR1PBF Datasheet
655Kb / 10P
   Ideal for High Performance Isolated Converter Primary Switch Socket
IRF6644TR1PBF IRF-IRF6644TR1PBF Datasheet
261Kb / 10P
   Ideal for High Performance Isolated Converter Primary Switch Socket
IRF6623TR1PBF IRF-IRF6623TR1PBF Datasheet
244Kb / 9P
   Ideal for CPU Core DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com