Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD07N04J3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTD07N04J3
Description  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTD07N04J3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTD07N04J3 Datasheet HTML 1Page - Cystech Electonics Corp. MTD07N04J3 Datasheet HTML 2Page - Cystech Electonics Corp. MTD07N04J3 Datasheet HTML 3Page - Cystech Electonics Corp. MTD07N04J3 Datasheet HTML 4Page - Cystech Electonics Corp. MTD07N04J3 Datasheet HTML 5Page - Cystech Electonics Corp. MTD07N04J3 Datasheet HTML 6Page - Cystech Electonics Corp. MTD07N04J3 Datasheet HTML 7Page - Cystech Electonics Corp. MTD07N04J3 Datasheet HTML 8Page - Cystech Electonics Corp. MTD07N04J3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C140J3
Issued Date : 2015.08.11
Revised Date :
Page No. : 3/ 8
MTD07N04J3
CYStek Product Specification
Characteristics (Tj=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
40
-
-
V
VGS=0V, ID=250μA
∆BVDSS/∆Tj
-
0.03
-
V/
°C
Reference to 25
°C, ID=250μA
VGS(th)
1.5
-
2.5
V
VDS = VGS, ID=250μA
*GFS
-
22
-
S
VDS =5V, ID=10A
IGSS
-
-
±
100
nA
VGS=±20V
-
-
1
VDS =32V, VGS =0V
IDSS
-
-
10
μA
VDS =32V, VGS =0V, Tj=85
°C
-
6.3
7.6
VGS =10V, ID=20A
*RDS(ON)
-
8.4
10
VGS =4.5V, ID=10A
Dynamic
*Qg(VGS=10V)
-
31
46.5
*Qg(VGS=4.5V)
-
15.7
-
*Qgs
-
6
-
*Qgd
-
7
-
nC
VDD=20V, ID=20A,VGS=10V
*td(ON)
-
14.6
-
*tr
-
18.8
-
*td(OFF)
-
43.4
-
*tf
-
8
-
ns
VDD=20V, ID=1A, VGS=10V, RG=1Ω
Ciss
-
1517
-
Coss
-
188
-
Crss
-
116
-
pF
VGS=0V, VDS=20V, f=1MHz
Rg
-
1.6
-
Ω
f=1MHz
Source-Drain Diode
*IS
-
-
50
A
*VSD
-
0.86
1.1
V
IS=20A, VGS=0V
*trr
-
14
-
ns
*Qrr
-
8.6
-
nC
VGS=0, IF=20A, dIF/dt=360A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Recommended soldering footprint


Similar Part No. - MTD07N04J3

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
MTD07N04J3 DOINGTER-MTD07N04J3 Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - MTD07N04J3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com