Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3876EHJ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3876EHJ
Description  2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3876EHJ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3876EHJ Datasheet HTML 4Page - Maxim Integrated Products MAX3876EHJ Datasheet HTML 5Page - Maxim Integrated Products MAX3876EHJ Datasheet HTML 6Page - Maxim Integrated Products MAX3876EHJ Datasheet HTML 7Page - Maxim Integrated Products MAX3876EHJ Datasheet HTML 8Page - Maxim Integrated Products MAX3876EHJ Datasheet HTML 9Page - Maxim Integrated Products MAX3876EHJ Datasheet HTML 10Page - Maxim Integrated Products MAX3876EHJ Datasheet HTML 11Page - Maxim Integrated Products MAX3876EHJ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2.5Gbps, Low-Power, +3.3V
Clock Recovery and Data Retiming IC
8
_______________________________________________________________________________________
MAX3876
243
226
226
82
82
243
VCC = 3.3V
3.3V
VCC = 3.3V
PECL
OUTPUT
SDI+
SDI-
3.3V
ZIN = 50
ZIN = 50
Figure 7. PECL-to-CML Interface
MAX3876
VCC
100
PECL
LEVELS
SDI+
25
25
*SELECT RT SUCH THAT THE CORRECT PECL COMMON-MODE LEVEL
IS ACHIEVED (TYPICAL PECL OUTPUT CURRENT = 14mA).
RT*
0.1
µF
0.1
µF
SDI-
RT*
ZIN = 50
ZIN = 50
Figure 8. Direct Coupling of a PECL Output into the MAX3876


Similar Part No. - MAX3876EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3876EHJ MAXIM-MAX3876EHJ Datasheet
938Kb / 10P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
19-1631; Rev 0a; 8/01
More results

Similar Description - MAX3876EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3876 MAXIM-MAX3876_V01 Datasheet
938Kb / 10P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
19-1631; Rev 0a; 8/01
MAX3875 MAXIM-MAX3875 Datasheet
126Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 10/98
MAX3875A MAXIM-MAX3875A Datasheet
421Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 1; 3/02
MAX3873 MAXIM-MAX3873 Datasheet
812Kb / 12P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Rev 2; 5/03
MAX3873A MAXIM-MAX3873A_V01 Datasheet
230Kb / 10P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
MAX3873A MAXIM-MAX3873A Datasheet
793Kb / 12P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Rev 1; 5/03
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
   622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
MAX3877 MAXIM-MAX3877 Datasheet
550Kb / 16P
   2.5Gbps, 3.3V Clock and Data Retiming ICs with Vertical Threshold Adjust
19-2062; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com