Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8V41N010 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 8V41N010
Description  Selectable external crystal or differential
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8V41N010 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 8V41N010 Datasheet HTML 3Page - Integrated Device Technology 8V41N010 Datasheet HTML 4Page - Integrated Device Technology 8V41N010 Datasheet HTML 5Page - Integrated Device Technology 8V41N010 Datasheet HTML 6Page - Integrated Device Technology 8V41N010 Datasheet HTML 7Page - Integrated Device Technology 8V41N010 Datasheet HTML 8Page - Integrated Device Technology 8V41N010 Datasheet HTML 9Page - Integrated Device Technology 8V41N010 Datasheet HTML 10Page - Integrated Device Technology 8V41N010 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
REVISION 1 06/30/15
7
CLOCK GENERATOR FOR CAVIUM PROCESSORS
8V41N010 DATA SHEET
Table 4B. LVCMOS/LVTTL DC Characteristics, VDD = VDDO_Q[A:E] = VDDO_QF = 3.3V ± 5%, TA = -40°C to 85°C
Table 4C. Differential DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
Table 5. Table 5. Crystal Characteristics
Table 6. Input Frequency Characteristics, VDD = VDDO_Q[A:E] = VDDO_QF = 3.3V ± 5%, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2.2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input
High
Current
nMR, FSEL_A1,
FSEL_B1, FSEL_C1,
FSEL_D1, FSEL_E1
VDD = VIN = 3.465V
150
µA
REF_SEL, PLL_SEL, OE_A,
OE_B, OE_C, OE_D, OE_E
VDD = VIN = 3.465V
10
uA
IIL
Input
Low
Current
nMR, FSEL_A1,
FSEL_B1, FSEL_C1,
FSEL_D1, FSEL_E1
VDD = 3.465V, VIN = 0V
-10
µA
REF_SEL, PLL_SEL, OE_A,
OE_B, OE_C, OE_D, OE_E
VDD = 3.465V, VIN = 0V
-150
uA
VOH
Output High Voltage
VDDO_QF = 3.465V
2.6
V
VOL
Output Low Voltage
VDDO_QF = 3.465V
0.6
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
CLK, nCLK
VDD = VIN = 3.465V
150
µA
IIL
Input Low Current
CLK
VDD = 3.465V, VIN = 0V
-5
µA
nCLK
VDD = 3.465V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Input Voltage1
NOTE 1. VIL should not be less than -0.3V.
0.15
1.3
V
VCMR
Common Mode Input Voltage12
NOTE 2. Common mode voltage is defined as VIH.
0.5
VDD – 0.85
V
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
25
MHz
Equivalent Series Resistance (ESR)
50
Load Capacitance (CL)
12
pF
Shunt Capacitance
7pF
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
FIN
Input
Frequency
CLK, nCLK
25
MHz
XTAL_IN,
XTAL_OUT
25
MHz


Similar Part No. - 8V41N010

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V41N010 RENESAS-8V41N010 Datasheet
897Kb / 27P
   Clock Generator for Cavium Processors
06/30/15
logo
Integrated Device Techn...
8V41N010I IDT-8V41N010I Datasheet
533Kb / 26P
   Clock Generator for Cavium Processors
8V41N010NLGI IDT-8V41N010NLGI Datasheet
533Kb / 26P
   Clock Generator for Cavium Processors
8V41N010NLGI8 IDT-8V41N010NLGI8 Datasheet
533Kb / 26P
   Clock Generator for Cavium Processors
More results

Similar Description - 8V41N010

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8413S12 IDT-8413S12 Datasheet
739Kb / 33P
   Selectable external crystal or differential
IDT8V41N004I IDT-IDT8V41N004I Datasheet
1Mb / 26P
   Selectable external crystal or differential input source
logo
Renesas Technology Corp
8T39S11A RENESAS-8T39S11A Datasheet
1Mb / 36P
   Crystal or Differential-to-Differential
November 29, 2018
logo
Integrated Device Techn...
ICS849S625I IDT-ICS849S625I Datasheet
639Kb / 24P
   Ten selectable differential LVPECL or LVDS outputs
logo
Epson ToYoCom
SG-8503CA EPSONTOYOCOM-SG-8503CA Datasheet
498Kb / 2P
   Dual or Quad Selectable Programmable Crystal Oscillator
logo
Integrated Device Techn...
8T39S08A IDT-8T39S08A Datasheet
845Kb / 39P
   Crystal or Differential-to-Differential Clock Fanout Buffer
logo
Renesas Technology Corp
IDT8T39S10I RENESAS-IDT8T39S10I Datasheet
1Mb / 44P
   Crystal or Differential to Differential Clock Fanout Buffer
2019
8T39204 RENESAS-8T39204 Datasheet
1Mb / 41P
   Crystal or Differential to Differential Clock Fanout Buffer
February 2, 2023
8T39S06A RENESAS-8T39S06A Datasheet
1Mb / 40P
   Crystal or Differential to Differential Clock Fanout Buffer
May 20, 2016
logo
Integrated Device Techn...
8T39S04A IDT-8T39S04A Datasheet
807Kb / 36P
   Crystal or Differential to Differential Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com