Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX-503 Datasheet(PDF) 7 Page - Vectron International, Inc

Part # MX-503
Description  Microprocessor Controlled Crystal Oscillator High Precision
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MX-503 Datasheet(HTML) 7 Page - Vectron International, Inc

  MX-503 Datasheet HTML 1Page - Vectron International, Inc MX-503 Datasheet HTML 2Page - Vectron International, Inc MX-503 Datasheet HTML 3Page - Vectron International, Inc MX-503 Datasheet HTML 4Page - Vectron International, Inc MX-503 Datasheet HTML 5Page - Vectron International, Inc MX-503 Datasheet HTML 6Page - Vectron International, Inc MX-503 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Vectron International • 267 Lowell Road, Suite 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 7
Ordering Information1,3
MX - 503 0 - E A J - 308 0 - 10M0000000
Product Family
MX: MCXO
Package
SMD version: 503
Height
0: 3.8 mm
Supply Voltage
E: 3.3V
Stability Code
308: ± 30 ppb
508: ± 50 ppb
708: ± 70 ppb
107: ±100 ppb
Frequency
Frequency Control
0: No Tuning
1: ±3.5 ppm
2: Enable
3: ±3.5 ppm; Enable
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 05/2014
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road, Suite 102
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 7268.801.100
Fax: +49 (0) 7268.801.282
Asia:
Vectron International
68 Yin Cheng Road(C), 22nd Floor
One LuJiaZui
Pudong, Shanghai 200120, China
Tel: +86 21 6194 6886
Fax: +86 21 6194 6699
RF Output Code
A: HCMOS
Temperature Range
J: -20°C to +70°C
E: -40°C to +85°C
Notes:
1.
Contact factory for other frequencies. Not all options and codes are available at all frequencies.
2.
Unless otherwise stated conditions are valid at F=20MHz; V
s=3.3V; Vc=1.65; T=25°C; Output Signal=HCMOS; load=15pF
3.
Contact factory for availability.
4.
Phase noise degrades with increasing output frequency.
Subject to technical modification.


Similar Part No. - MX-503

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MX-503 MICROSEMI-MX-503 Datasheet
1Mb / 7P
   Microprocessor Controlled Crystal Oscillator High Precision
More results

Similar Description - MX-503

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MX-503 MICROSEMI-MX-503 Datasheet
1Mb / 7P
   Microprocessor Controlled Crystal Oscillator High Precision
MX-505 MICROSEMI-MX-505 Datasheet
1Mb / 7P
   Microprocessor Controlled Crystal Oscillator High Precision
MX-600 MICROSEMI-MX-600 Datasheet
1Mb / 7P
   Microprocessor Controlled Crystal Oscillator High Precision
logo
EUROQUARTZ limited
CXOMK EUROQUARTZ-CXOMK Datasheet
218Kb / 2P
   High Precision Crystal Oscillator
logo
Vanlong Technology Co.,...
PO322 VANLONG-PO322 Datasheet
45Kb / 1P
   High Precision Crystal Oscillator
PO322 VANLONG-PO322_13 Datasheet
51Kb / 1P
   High Precision Crystal Oscillator
logo
NIHON DEMPA KOGYO
NZ2520SEA NDK-NZ2520SEA_18 Datasheet
901Kb / 2P
   High-precision Crystal Clock Oscillator
NZ2520SEA NDK-NZ2520SEA Datasheet
809Kb / 2P
   High-precision Crystal Clock Oscillator
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Vectron International, ...
TX-402 VECTRON-TX-402 Datasheet
143Kb / 4P
   Temperature Compensated Crystal Oscillator High Precision
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com