Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24192I Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ24192I
Description  bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24192I Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24192I_15 Datasheet HTML 4Page - Texas Instruments BQ24192I_15 Datasheet HTML 5Page - Texas Instruments BQ24192I_15 Datasheet HTML 6Page - Texas Instruments BQ24192I_15 Datasheet HTML 7Page - Texas Instruments BQ24192I_15 Datasheet HTML 8Page - Texas Instruments BQ24192I_15 Datasheet HTML 9Page - Texas Instruments BQ24192I_15 Datasheet HTML 10Page - Texas Instruments BQ24192I_15 Datasheet HTML 11Page - Texas Instruments BQ24192I_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
bq24190, bq24192, bq24192I
SLUSAW5B – JANUARY 2012 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
VVBUS_UVLOZ < VVBUS < VACOV and VVBUS > VBAT + VSLEEP, TJ = –40°C to 125°C and TJ = 25°C for typical values unless other
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE/CURRENT REGULATION
VINDPM_REG_ACC Input voltage regulation accuracy
REG00[6:3] = 0110 (4.36 V) or 1011 (4.76 V)
–2%
2%
USB100
85
100
mA
USB150
125
150
mA
USB Input current regulation limit, VBUS = 5 V,
IUSB_DPM
current pulled from SW
USB500
440
500
mA
USB900
750
900
mA
IADPT_DPM
Input current regulation accuracy
Typical input current of 1.5 A based on KLIM
1.35
1.5
1.65
A
IIN_START
Input current limit during system start up
VSYS < 2.2 V
100
mA
KILIM
IIN = KILIM/RILIM
IINDPM = 1.5 A
435
485
530
A x
Ω
D+/D- DETECTION
VD+_SRC
D+ voltage source
0.5
0.6
0.7
V
ID+_SRC
D+ connection check current source
7
14
µA
ID–_SINK
D– current sink
50
100
150
µA
D–, switch open
–1
1
µA
ID_LKG
Leakage current into D+/D–
D+, switch open
–1
1
µA
VD+_LOW
D+ Low comparator threshold
0.7
0.8
V
VD–_LOWdatref
D– Low comparator threshold
250
400
mV
RD–_DWN
D– Pulldown for connection check
14.25
24.8
k
Ω
Charging timer with 100-mA USB host in default
tSDP_DEFAULT
45
mins
mode
BAT OVER-VOLTAGE PROTECTION
VBATOVP
Battery over-voltage threshold
VBAT rising, as percentage of VBAT_REG
104%
VBATOVP_HYST
Battery over-voltage hysteresis
VBAT falling, as percentage of VBAT_REG
2%
Battery over-voltage deglitch time to disable
tBATOVP
1
µs
charge
THERMAL REGULATION AND THERMAL SHUTDOWN
TJunction_REG
Junction temperature regulation accuracy
REG06[1:0] = 11
120
°C
TSHUT
Thermal shutdown rising temperature
Temperature increasing
160
°C
TSHUT_HYS
Thermal shutdown hysteresis
30
°C
Thermal shutdown rising deglitch
Temperature increasing delay
1
ms
Thermal shutdown falling deglitch
Temperature decreasing delay
1
ms
COLD/HOT THERMISTER COMPARATOR (bq24190,bq24192,bq24192I)
Cold temperature threshold, TS pin voltage rising
Charger suspends charge. As percentage to
73.5
VLTF
73%
74%
threshold
VREGN
%
VLTF_HYS
Cold temperature hysteresis, TS pin voltage falling
As percentage to VREGN
0.2%
0.4%
0.6%
47.2
VHTF
Hot temperature TS pin voltage rising threshold
As percentage to VREGN
46.6%
48.8%
%
Cut-off temperature TS pin voltage falling
44.7
VTCO
As percentage to VREGN
44.2%
45.2%
threshold
%
Deglitch time for temperature out of range
VTS > VLTF, or VTS < VTCO, or VTS < VHTF
10
ms
detection
CHARGE OVER-CURRENT COMPARATOR
IHSFET_OCP
HSFET over-current threshold
5.3
7
A
IBATFET_OCP
System over load threshold
9
A
CHARGE UNDER-CURRENT COMPARATOR (CYCLE-BY-CYCLE)
VLSFET_UCP
LSFET charge under-current falling threshold
From sync mode to non-sync mode
100
mA
PWM OPERATION
FSW
PWM Switching frequency, and digital clock
1300
1500
1700
kHz
DMAX
Maximum PWM duty cycle
97%
8
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq24190 bq24192 bq24192I


Similar Part No. - BQ24192I_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24192IRGER TI1-BQ24192IRGER Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192IRGET TI-BQ24192IRGET Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24192IRGET TI1-BQ24192IRGET Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results

Similar Description - BQ24192I_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24190 TI-BQ24190_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192 TI-BQ24192_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI-BQ24193_15 Datasheet
2Mb / 49P
[Old version datasheet]   bq24193 I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI-BQ24196_15 Datasheet
2Mb / 50P
[Old version datasheet]   bq24196 I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com