Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGU0441 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 9FGU0441
Description  Programmable Slew rate for each output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGU0441 Datasheet(HTML) 5 Page - Integrated Device Technology

  9FGU0441 Datasheet HTML 1Page - Integrated Device Technology 9FGU0441 Datasheet HTML 2Page - Integrated Device Technology 9FGU0441 Datasheet HTML 3Page - Integrated Device Technology 9FGU0441 Datasheet HTML 4Page - Integrated Device Technology 9FGU0441 Datasheet HTML 5Page - Integrated Device Technology 9FGU0441 Datasheet HTML 6Page - Integrated Device Technology 9FGU0441 Datasheet HTML 7Page - Integrated Device Technology 9FGU0441 Datasheet HTML 8Page - Integrated Device Technology 9FGU0441 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
REVISION A 09/24/14
5
4 O/P 1.5V PCIE GEN1-2-3 CLOCK GENERATOR W/ZO=100OHMS
9FGU0441 DATASHEET
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 9FGU0441. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the
recommended operating temperature range.
Electrical Characteristics–Current Consumption
Electrical Characteristics–DIF Output Duty Cycle, Jitter, and Skew Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VDDxx
Applies to all VDD pins
-0.5
2
V
1,2
Input Voltage
VIN
-0.5
VDD+0.5V
V
1,3
Input High Voltage, SMBus
VIHSMB
SMBus clock and data pins
3.3V
V
1
Storage Temperature
Ts
-65
150
°C
1
Junction Temperature
Tj
125
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
3 Not to exceed 2.5V.
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
IDDAOP
VDDA, All outputs active @100MHz
6.2
9
mA
IDDOP
All VDD, except VDDA and VDDIO, All outputs
active @100MHz
21
27
mA
IDDAPD
VDDA, DIF outputs off, REF output running
0.4
1
mA
2
IDDPD
All VDD, except VDDA and VDDIO,
DIF outputs off, REF output running
4.5
6.5
mA
2
IDDAPD
VDDA, all outputs off
0.4
1
mA
IDDPD
All VDD, except VDDA and VDDIO, all outputs off
0.4
1
mA
1 Guaranteed by design and characterization, not 100% tested in production.
2 This is the current required to have the REF output running in Wake-on-LAN mode (Byte 3, bit 5 = 1)
Operating Supply Current
Wake-on-LAN Current
(CKPWRGD_PD# = '0'
Byte 3, bit 5 = '1')
Powerdown Current
(CKPWRGD_PD# = '0'
Byte 3, bit 5 = '0')
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Duty Cycle
tDC
Measured differentially, PLL Mode
45
50
55
%
1,2
Skew, Output to Output
tsk3
Averaging on, VT = 50%
32
50
ps
1
Jitter, Cycle to cycle
tjcyc-cyc
16
50
ps
1,2
1Guaranteed by design and characterization, not 100% tested in production.
2 Measured from differential waveform


Similar Part No. - 9FGU0441

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGU0441 IDT-9FGU0441 Datasheet
202Kb / 15P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0441 RENESAS-9FGU0441 Datasheet
394Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0441AKILF IDT-9FGU0441AKILF Datasheet
202Kb / 15P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0441AKILF RENESAS-9FGU0441AKILF Datasheet
394Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0441AKILFT IDT-9FGU0441AKILFT Datasheet
202Kb / 15P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
More results

Similar Description - 9FGU0441

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGU0841 IDT-9FGU0841 Datasheet
207Kb / 16P
   Programmable Slew rate for each output
9FGV0431 IDT-9FGV0431 Datasheet
225Kb / 15P
   Programmable Slew rate for each output
9FGV0841 IDT-9FGV0841 Datasheet
212Kb / 16P
   Programmable Slew rate for each output
9FGU0631 IDT-9FGU0631 Datasheet
201Kb / 15P
   Programmable Slew rate for each output
9FGU0431 IDT-9FGU0431 Datasheet
199Kb / 15P
   Programmable Slew rate for each output
9FGU0641 IDT-9FGU0641 Datasheet
211Kb / 15P
   Programmable Slew rate for each output
9FGU0831 IDT-9FGU0831 Datasheet
191Kb / 16P
   Programmable Slew rate for each output
9FGV0231 IDT-9FGV0231 Datasheet
223Kb / 15P
   Programmable Slew rate for each output
9FGV0241 IDT-9FGV0241 Datasheet
230Kb / 15P
   Programmable Slew rate for each output
9FGV0441 IDT-9FGV0441 Datasheet
230Kb / 15P
   Programmable Slew rate for each output
9DBV0931 IDT-9DBV0931 Datasheet
208Kb / 17P
   Programmable Slew rate for each output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com