Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTE300P10KN3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MTE300P10KN3
Description  100V P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTE300P10KN3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MTE300P10KN3 Datasheet HTML 1Page - Cystech Electonics Corp. MTE300P10KN3 Datasheet HTML 2Page - Cystech Electonics Corp. MTE300P10KN3 Datasheet HTML 3Page - Cystech Electonics Corp. MTE300P10KN3 Datasheet HTML 4Page - Cystech Electonics Corp. MTE300P10KN3 Datasheet HTML 5Page - Cystech Electonics Corp. MTE300P10KN3 Datasheet HTML 6Page - Cystech Electonics Corp. MTE300P10KN3 Datasheet HTML 7Page - Cystech Electonics Corp. MTE300P10KN3 Datasheet HTML 8Page - Cystech Electonics Corp. MTE300P10KN3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C135N3
Issued Date : 2015.09.07
Revised Date :
Page No. : 4/9
MTE300P10KN3
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
1
2
3
4
5
6
7
8
9
10
01
2345
678
9
10
-VDS, Drain-Source Voltage(V)
10V
9V
8V
-VGS=5.5V
-VGS=4.5V
-VGS=5V
6V
7V
Brekdown Voltage vs Ambient Temperature
0.4
0.6
0.8
1.0
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=-250μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
0
200
400
600
800
1000
0.01
0.1
1
10
-ID, Drain Current(A)
VGS=-10V
VGS=-6V
VGS=-4.5V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1.0
1.2
024
68
1
-IDR, Reverse Drain Current(A)
0
Tj=25°C
Tj=150°C
VGS=0V
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
200
400
600
800
1000
02
4
6
8
10
Drain-Source On-State Resistance vs Junction Tempearture
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
-VGS, Gate-Source Voltage(V)
VGS=-10V, ID=-1A
ID=-1A
RDS(ON)@Tj=25°C : 378mΩ typ


Similar Part No. - MTE300P10KN3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTE300P10KJ3 CYSTEKEC-MTE300P10KJ3 Datasheet
502Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTE300P10KN3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP10H400SK3 DIODES-DMP10H400SK3 Datasheet
282Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP10A18G DIODES-ZXMP10A18G_15 Datasheet
549Kb / 8P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP10A17G DIODES-ZXMP10A17G Datasheet
642Kb / 8P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP10A17K DIODES-ZXMP10A17K Datasheet
683Kb / 8P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP10H4D2S DIODES-DMP10H4D2S_17 Datasheet
538Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP10H4D2S DIODES-DMP10H4D2S Datasheet
538Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP10A17GQ DIODES-ZXMP10A17GQ Datasheet
216Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shenzhen Huazhimei Semi...
HM3P10MR HMSEMI-HM3P10MR Datasheet
1Mb / 5P
   100V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
FDMS86163P LEIDITECH-FDMS86163P Datasheet
2Mb / 5P
   -100V P-Channel Enhancement Mode MOSFET
Rev : 01.09.2021
FQD8P10TM_F085 LEIDITECH-FQD8P10TM_F085 Datasheet
1Mb / 5P
   -100V P-Channel Enhancement Mode MOSFET
Rev : 01.0 8 .2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com