Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGU0631 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9FGU0631
Description  Programmable Slew rate for each output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGU0631 Datasheet(HTML) 2 Page - Integrated Device Technology

  9FGU0631 Datasheet HTML 1Page - Integrated Device Technology 9FGU0631 Datasheet HTML 2Page - Integrated Device Technology 9FGU0631 Datasheet HTML 3Page - Integrated Device Technology 9FGU0631 Datasheet HTML 4Page - Integrated Device Technology 9FGU0631 Datasheet HTML 5Page - Integrated Device Technology 9FGU0631 Datasheet HTML 6Page - Integrated Device Technology 9FGU0631 Datasheet HTML 7Page - Integrated Device Technology 9FGU0631 Datasheet HTML 8Page - Integrated Device Technology 9FGU0631 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
6-O/P 1.5V PCIE GEN 1-2-3 CLOCK GENERATOR
2
REVISION A 09/24/14
9FGU0631 DATASHEET
Pin Configuration
SMBus Address Selection Table
Power Management Table
Power Connections
40 39 38 37 36 35 34 33 32 31
vSS_EN_tri 130 vOE3#
XIN/CLKIN_25 229 DIF3#
X2 328 DIF3
VDDXTAL1.5 427 VDDIO
VDDREF1.5 526 VDDA1.5
vSADR/REF1.5 625 NC
NC 724 vOE2#
GNDDIG 823 DIF2#
SCLK_3.3 922 DIF2
SDATA_3.3 10
21 vOE1#
11 12 13 14 15 16 17 18 19 20
v
prefix indicates internal 120KOhm pull down resistor
^
prefix indicates internal 120KOhm pull up resistor
9FGU0631
Paddle is GND
40-pin VFQFPN, 5x5 mm, 0.4mm pitch
SADR
Address
0
1101000
1
1101010
State of SADR on first application
of CKPWRGD_PD#
+
Read/Write Bit
x
x
OEx#
True O/P
Comp. O/P
0
X
X
Low
Low
Hi-Z1
1
1
0
Running
Running
Running
1
0
1
Low
Low
Low
REF
CKPWRGD_PD#
SMBus
OE bit
DIFx
1. REF is Hi-Z until the 1st assertion of CKPWRGD_PD# high. After this, when
CKPWRG_PD# is low, REF is Low.
Pin Number
VDD
VDDIO
GND
441
XTAL OSC
5
41
REF Power
11
8
Digital (dirty)
Power
12,17,27,32,39
41
DIF outputs
26
41
PLL Analog
Description


Similar Part No. - 9FGU0631

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGU0631 IDT-9FGU0631 Datasheet
202Kb / 15P
   6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0631 RENESAS-9FGU0631 Datasheet
394Kb / 16P
   6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0631CKILF IDT-9FGU0631CKILF Datasheet
202Kb / 15P
   6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0631CKILF RENESAS-9FGU0631CKILF Datasheet
394Kb / 16P
   6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0631CKILFT IDT-9FGU0631CKILFT Datasheet
202Kb / 15P
   6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
More results

Similar Description - 9FGU0631

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGU0841 IDT-9FGU0841 Datasheet
207Kb / 16P
   Programmable Slew rate for each output
9FGV0431 IDT-9FGV0431 Datasheet
225Kb / 15P
   Programmable Slew rate for each output
9FGV0841 IDT-9FGV0841 Datasheet
212Kb / 16P
   Programmable Slew rate for each output
9FGU0431 IDT-9FGU0431 Datasheet
199Kb / 15P
   Programmable Slew rate for each output
9FGU0641 IDT-9FGU0641 Datasheet
211Kb / 15P
   Programmable Slew rate for each output
9FGU0831 IDT-9FGU0831 Datasheet
191Kb / 16P
   Programmable Slew rate for each output
9FGV0231 IDT-9FGV0231 Datasheet
223Kb / 15P
   Programmable Slew rate for each output
9FGV0241 IDT-9FGV0241 Datasheet
230Kb / 15P
   Programmable Slew rate for each output
9FGV0441 IDT-9FGV0441 Datasheet
230Kb / 15P
   Programmable Slew rate for each output
9DBV0931 IDT-9DBV0931 Datasheet
208Kb / 17P
   Programmable Slew rate for each output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com