Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTEJ0P20V8 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTEJ0P20V8
Description  P-Channel Enhancement Mode Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTEJ0P20V8 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTEJ0P20V8 Datasheet HTML 1Page - Cystech Electonics Corp. MTEJ0P20V8 Datasheet HTML 2Page - Cystech Electonics Corp. MTEJ0P20V8 Datasheet HTML 3Page - Cystech Electonics Corp. MTEJ0P20V8 Datasheet HTML 4Page - Cystech Electonics Corp. MTEJ0P20V8 Datasheet HTML 5Page - Cystech Electonics Corp. MTEJ0P20V8 Datasheet HTML 6Page - Cystech Electonics Corp. MTEJ0P20V8 Datasheet HTML 7Page - Cystech Electonics Corp. MTEJ0P20V8 Datasheet HTML 8Page - Cystech Electonics Corp. MTEJ0P20V8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C897V8
Issued Date : 2014.03.20
Revised Date :
Page No. : 5/10
MTEJ0P20V8
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
1
2
3
4
5
6
0
4
8
12
16
20
-VDS, Drain-Source Voltage(V)
-VGS=4V
10V
9V
8V
7V
6V
5V
Brekdown Voltage vs Ambient Temperature
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=-250μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.01
0.1
1
10
-ID, Drain Current(A)
VGS=-10V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
02
46
8
1
-IDR, Reverse Drain Current(A)
0
Tj=25°C
Tj=150°C
VGS=0V
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
2
4
6
8
10
024
68
10
Drain-Source On-State Resistance vs Junction Tempearture
0
0.4
0.8
1.2
1.6
2
2.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
VGS=-10V, ID=-1A
RDS(ON)@Tj=25°C : 0.8Ω typ.
-VGS, Gate-Source Voltage(V)
ID=-1A


Similar Part No. - MTEJ0P20V8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTEJ0P20J3 CYSTEKEC-MTEJ0P20J3 Datasheet
308Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTEJ0P20KV8 CYSTEKEC-MTEJ0P20KV8 Datasheet
446Kb / 10P
   P-Channel Enhancement Mode Power MOSFET
MTEJ0P20L3 CYSTEKEC-MTEJ0P20L3 Datasheet
340Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
More results

Similar Description - MTEJ0P20V8

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com