Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24266 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ24266
Description  bq24266 3A, 30V Standalone Single-Input, Single-Cell Switchmode Li-Ion Battery Charger
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24266 Datasheet(HTML) 2 Page - Texas Instruments

  BQ24266_15 Datasheet HTML 1Page - Texas Instruments BQ24266_15 Datasheet HTML 2Page - Texas Instruments BQ24266_15 Datasheet HTML 3Page - Texas Instruments BQ24266_15 Datasheet HTML 4Page - Texas Instruments BQ24266_15 Datasheet HTML 5Page - Texas Instruments BQ24266_15 Datasheet HTML 6Page - Texas Instruments BQ24266_15 Datasheet HTML 7Page - Texas Instruments BQ24266_15 Datasheet HTML 8Page - Texas Instruments BQ24266_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
bq24266
SLUSBY5F – JUNE 2014 – REVISED AUGUST 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Applications and Implementation ...................... 26
8.1
Application Information............................................ 26
2
Applications ........................................................... 1
8.2
Typical Applications ................................................ 26
3
Description ............................................................. 1
9
Power Supply Recommendations ...................... 31
4
Revision History..................................................... 2
9.1
Requirements for SYS Output ................................ 31
5
Pin Configuration and Functions ......................... 4
9.2
Requirements for Charging ..................................... 31
6
Specifications......................................................... 6
10
Layout................................................................... 32
6.1
Absolute Maximum Ratings ..................................... 6
10.1
Layout Guidelines ................................................. 32
6.2
ESD Ratings ............................................................ 6
10.2
Layout Example .................................................... 32
6.3
Recommended Operating Conditions ....................... 6
11
Device and Documentation Support ................. 33
6.4
Thermal Information ................................................. 7
11.1
Documentation Support ....................................... 33
6.5
Electrical Characteristics........................................... 7
11.2
Related Links ........................................................ 33
6.6
Switching Characteristics ........................................ 11
11.3
Community Resources.......................................... 33
6.7
Typical Characteristics ............................................ 12
11.4
Trademarks ........................................................... 33
7
Detailed Description ............................................ 13
11.5
Electrostatic Discharge Caution ............................ 33
7.1
Overview ................................................................. 13
11.6
Glossary ................................................................ 33
7.2
Functional Block Diagram ....................................... 14
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 16
Information ........................................................... 33
7.4
Device Functional Modes........................................ 16
4 Revision History
Changes from Revision E (December 2014) to Revision F
Page
Deleted devices bq24265 and bq24267 ................................................................................................................................ 1
Changed bq2426x To: bq24266 throughout the datasheet ................................................................................................... 1
Deleted Features: Host-controlled JEITA Compatible NTC Monitoring Input (bq24265)....................................................... 1
Deleted Features: Voltage-based, JEITA Compatible NTC Monitoring Input (bq24266)....................................................... 1
Changed text in the Description From: "The bq24265, bq24266, and bq24267 are.." To: "The bq24266 is.."...................... 1
Changed 1µF to 2.2µF on the DRV pin of the Application Schematic ................................................................................... 1
Deleted the Device Comparison Table................................................................................................................................... 4
Deleted the bq24265 pinout image......................................................................................................................................... 4
Changed the DRV pin description From: "1
μF of ceramic capacitance" To: "a 2.2uF, 10V, X5R or better capacitor"
in the Pin Functions table ....................................................................................................................................................... 5
Set Pin Voltage for DRV on an individual line and change the MAX value to 5.5 V in the Absolute Maximum
Ratings
(1) ............................................................................................................................................................................... 6
Moved the Stroage temperature to Absolute Maximum Ratings
(1) ....................................................................................... 6
Changed the Handling Ratings table To: ESD Ratings table................................................................................................. 6
Deleted references to BQ24265 and BQ24266 in VBATREG of the Electrical Characteristics ................................................. 8
Deleted references to BQ24265 and BQ24266 in KISET of the Electrical Characteristics ..................................................... 8
Deleted text from the Overview section: "The bq24265 allows a host to monitor a NTC thermistor and adjust the
charge current and voltage using the CE1 and CE2 pins." and "The bq24267 features a TS input with HOT/COLD
support only." ........................................................................................................................................................................ 13
Deleted text from the Charge Profile section: "using CE1 and CE2 (bq24265) or CE (bq24266/7)." ................................. 17
Deleted text from the Safety Timer in Charge Mode section: " (bq24266/7) and when CE1 and CE2 (bq24265) are
configured according to Table 2. .......................................................................................................................................... 21
Changed the External NTC Monitoring (CE1, CE2, and TS) section To: External NTC Monitoring (TS) ........................... 21
Deleted Table "CE1, CE2 Configurations" ........................................................................................................................... 21
Deleted text from the Application Information section: "but can be used to evaluate the bq24265 or bq24267 as well.
To configure the board to use the bq24265, the /CE1 and /CE2 pins are used to comply with JEITA per Table 2. .......... 26
Deleted the bq24265 Typical Application No External Discharge FET image .................................................................... 26
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated


Similar Part No. - BQ24266_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24260 TI1-BQ24260 Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
BQ24260RGER TI1-BQ24260RGER Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
BQ24260RGET TI1-BQ24260RGET Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
BQ24260SYFFT TI1-BQ24260SYFFT Datasheet
6Mb / 46P
[Old version datasheet]   3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
BQ24260YFFR TI1-BQ24260YFFR Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
More results

Similar Description - BQ24266_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24261 TI1-BQ24261 Datasheet
6Mb / 46P
[Old version datasheet]   3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Shanghai Consonance Ele...
CN3762 CONSONANCE-CN3762 Datasheet
211Kb / 11P
   Standalone 2-Cell Li-ion Battery Charger
CN3763 CONSONANCE-CN3763 Datasheet
211Kb / 11P
   Standalone 3-Cell Li-ion Battery Charger
logo
Texas Instruments
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com